Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3914 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 4 Page - Microchip Technology

  MCP3914 Datasheet HTML 1Page - Microchip Technology MCP3914 Datasheet HTML 2Page - Microchip Technology MCP3914 Datasheet HTML 3Page - Microchip Technology MCP3914 Datasheet HTML 4Page - Microchip Technology MCP3914 Datasheet HTML 5Page - Microchip Technology MCP3914 Datasheet HTML 6Page - Microchip Technology MCP3914 Datasheet HTML 7Page - Microchip Technology MCP3914 Datasheet HTML 8Page - Microchip Technology MCP3914 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MCP3914
DS20005216A-page 4
 2013 Microchip Technology Inc.
Integral Non-Linearity
INL
—
5
—
ppm
Measurement Error
ME
—
0.1
—
%
Measured with a 10,000:1
dynamic range
(from 600 mVPeak to 60 µVPeak),
AVDD =DVDD =3V,
measurement points averaging
time: 20 seconds, measured on
each channel pair (CH0/1,
CH2/3, CH4/5 and CH6/7)
Differential Input
Impedance
ZIN
232
—
—
k
G = 1, proportional to 1/AMCLK
142
—
—
k
G = 2, proportional to 1/AMCLK
72
—
—
k
G = 4, proportional to 1/AMCLK
38
—
—
k
G = 8, proportional to 1/AMCLK
36
—
—
k
G = 16, proportional to 1/AMCLK
33
—
—
k
G = 32, proportional to 1/AMCLK
Signal-to-Noise and
Distortion Ratio (Note 1)
SINAD
92
94.5
—
dB
Total Harmonic Distortion
(Note 1)
THD
—
-107
-103
dBc
Includes the first 35 harmonics
Signal-to-Noise Ratio
(Note 1)
SNR
92
95
—
dB
Spurious Free Dynamic
Range (Note 1)
SFDR
—
112
—
dBFS
Crosstalk (50, 60 Hz)
CTALK
—
-122
—
dB
Note 4
AC Power
Supply Rejection
AC PSRR
—
-73
—
dB
AVDD =DVDD = 3V + 0.6VPP
50/60 Hz, 100/120 Hz
DC Power
Supply Rejection
DC PSRR
—
-73
—
dB
AVDD = DVDD = 2.7V to 3.6V
DC Common
Mode Rejection
DC CMRR
—
-100
—
dB
VCM from -1V to +1V
TABLE 1-1:
ANALOG SPECIFICATIONS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD = DVDD = 2.7V to 3.6 V, MCLK = 4 MHz;
PRE<1:0> = 00; OSR = 256; GAIN = 1; VREFEXT = 0, CLKEXT = 1, DITHER<1:0> = 11; BOOST<1:0> = 10, VCM =0V;
TA = -40°C to +125°C;VIN = -0.5 dBFS @ 50/60 Hz on all channels.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Dynamic Performance specified at -0.5 dB below the maximum differential input value,
VIN =1.2 VPP = 424 mVRMS @ 50/60 Hz, VREF = 1.2V. See Section 4.0 “Terminology And Formulas” for definition.
This parameter is established by characterization and not 100% tested.
2:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<7:0> = 00000000,
RESET<7:0> = 00000000, VREFEXT = 0, CLKEXT = 0.
3:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<7:0> = 11111111,
VREFEXT = 1, CLKEXT = 1.
4:
Measured on one channel versus all others channels. The average of crosstalk performance over all channels
(see Figure 2-32 for individual channel performance).
5:
Applies to all gains. Offset and gain errors depend on PGA gain setting, see typical performance curves for typical
performance.
6:
Outside of this range, ADC accuracy is not specified. An extended input range of +/-2V can be applied continuously to
the part with no damage.
7:
For proper operation and for optimizing ADC accuracy, AMCLK should be limited to the maximum frequency defined in
the Table 5-2, as a function of the BOOST and PGA setting chosen. MCLK can take larger values as long as the
prescaler settings (PRE<1:0>) limit AMCLK = MCLK/PRESCALE in the defined range in the Table 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com