Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1T-E/ML Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP3918A1T-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1T-E/ML Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP3918A1T-E/ML Datasheet HTML 27Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 28Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 29Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 30Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 31Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 32Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 33Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 34Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 31
MCP3918
5.0
DEVICE OVERVIEW
5.1
Analog Inputs (CH0+/-)
The MCP3918 analog inputs can be connected directly
to current and voltage transducers (such as shunts,
current transformers or Rogowski coils). Each input pin
is protected by specialized ESD structures that allow
bipolar ±2V continuous voltage, with respect to AGND,
to be present at their inputs without the risk of perma-
nent damage.
The ADC has fully differential voltage inputs for better
noise performance. The absolute voltage at each pin
relative to AGND should be maintained in the ±1V range
during operation in order to ensure the specified ADC
accuracy. The common mode signals should be
adapted to respect both the previous conditions and
the differential input voltage range. For best
performance, the common mode signals should be
maintained to AGND.
5.2
Programmable Gain Amplifiers
(PGA)
The Programmable Gain Amplifier (PGA) resides at the
front-end of the delta-sigma ADC. It has two functions:
translate the common-mode voltage of the input from
AGND to an internal level between AGND and AVDD, and
amplify the input differential signal. The translation of
the common-mode voltage does not change the
differential signal, but recenters the common mode so
that the input signal can be properly amplified.
The PGA block can be used to amplify very low signals,
but the differential input range of the delta-sigma
modulator must not be exceeded. The PGA of the ADC
is controlled by the PGA_CH0<2:0> bits in the GAIN
register. Table 5-1 displays the gain settings for the
PGA.
5.3
Delta-Sigma Modulator
5.3.1
ARCHITECTURE
The ADC includes a proprietary second-order
modulator with a multi-bit 5-level DAC architecture (see
Figure 5-1). The quantizer is a Flash ADC composed of
four comparators with equally spaced thresholds and a
thermometer output coding. The proprietary five-level
architecture ensures minimum quantization noise at
the outputs of the modulators without disturbing
linearity or inducing additional distortion. The sampling
frequency
is
DMCLK
(typically
1 MHz
with
MCLK = 4 MHz) so the modulators are refreshed at a
DMCLK rate.
Figure 5-1 represents a simplified block diagram of the
delta-sigma ADC present on MCP3918.
FIGURE 5-1:
Simplified Delta-Sigma ADC
Block Diagram.
Note:
If the analog inputs are held to a potential
of -0.6 to -1V for extended periods of time,
MCLK must be present inside the device
in order to avoid large leakage currents at
the analog inputs. This is true even during
Hard Reset mode or during the Soft Reset
of the ADC. However, during the
Shutdown mode of the ADC or during the
POR state, the clock is not distributed
inside the circuit. During these states, it is
recommended to keep the analog input
voltages above -0.6V referred to AGND in
order to avoid high analog inputs leakage
currents.
TABLE 5-1:
PGA CONFIGURATION
SETTING
Gain
PGA_CH0<2:0>
Gain
(V/V)
Gain
(dB)
VIN Range (V)
00
0
10
±0.6
00
1
26
±0.3
01
0
412
±0.15
01
1
818
±0.075
10
0
16
24
±0.0375
10
1
32
30
±0.01875
Note:
The two undefined settings are G = 1. This
table is defined with VREF =1.2V.
Second-
Order
Integrator
Loop
Filter
Quantizer
DAC
Differential
Voltage Input
Output
Bit Stream
5-level
Flash ADC
MCP3918 Delta-Sigma Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com