Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1T-E/ML Datasheet(PDF) 66 Page - Microchip Technology

Part # MCP3918A1T-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1T-E/ML Datasheet(HTML) 66 Page - Microchip Technology

Back Button MCP3918A1T-E/ML Datasheet HTML 62Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 63Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 64Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 65Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 66Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 67Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 68Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 69Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
MCP3918
DS20005287A-page 66
 2014 Microchip Technology Inc.
TABLE 9-2:
REGISTER MAP GROUPING FOR ALL CONTINUOUS READ/WRITE MODES
Function
Address
READ<1:0>
WRITE
=
‘11‘
=
‘10‘
=
‘01‘
=
‘00‘
=
‘1‘
=
‘0‘
CHANNEL 0
0x00
TYPE
GROUP
Static
Not Writable
MOD
0x08
TYPE
GROUP
Static
TYPE
Static
GAIN
0x0B
Static
Static
STATUSCOM
0x0C
GROUP
Static
Static
CONFIG0
0x0D
Static
Static
CONFIG1
0x0E
Static
Static
OFFCAL_CH0
0x0F
GROUP
Static
Static
GAINCAL_CH0
0x10
Static
Static
LOCKCRC
0x1F
GROUP
Static
Static



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com