Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICRF112 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF112
Description  300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF112_13 Datasheet HTML 8Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 9Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 10Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 11Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 12Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 13Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 14Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 15Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Micrel, Inc.
MICRF112
February 2013
12
M9999-020713
Crystal Oscillator for FSK Operation
Figure
3
shows
the
reference
oscillator
circuit
c
onfiguration for FSK operation. To operate the
MICRF112 in FSK mode, one additional capacitor is
needed between XTLOUT pin and the XTAL_MOD pin.
Crystal parameters for FSK operation are the same as
for ASK operation except:
•
When the ESR of crystal is at 20
Ω,
CFSK + CLOAD must not exceed 70pF.
•
When the ESR of crystal is at 300
Ω,
CFSK + CLOAD must not exceed 30pF.
Figure 3. Reference Oscillator FSK Operation
PLL×32
The function of PLL×32 is to provide a stable carrier
frequency for transmission. It is a “divided by 32” phase-
locked oscillator.
Power Amplifier
The power amplifier serves two purposes: to buffer the
VCO from external elements and to amplify the phase-
locked signal. The power amplifier can produce +10dBm
at 3V (typical).
Enable Control
The enable control gates the ASK data. It only allows
transmission when Lock, Amplitude, and Undervoltage
Detect conditions are valid.
Undervoltage Detect
The undervoltage detect block senses operating voltage.
If
the
operating
voltage
falls
below
1.6V,
the
undervoltage detect block sends a signal to the enable
control block to disable the PA.
Open-Drain Switch
The open-drain switch is used for FSK operation. FSK
data is fed into the FSK pin. The FSK pin is connected to
the gate of the open-drain switch. The open collector is
connected to the XTAL_MOD pin. In Figure 3, a
capacitor is shown connected from the XTAL_MOD pin
to XTLOUT. When the FSK pin goes high, the capacitor
between XTAL_MOD and XTLOUT pulls the frequency
of REFOSC low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com