Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICRF112 Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MICRF112
Description  300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MICRF112_13 Datasheet HTML 13Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 14Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 15Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 16Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 17Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 18Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 19Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 20Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 21Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Micrel, Inc.
MICRF112
February 2013
19
M9999-020713
FSK Operation
The Bill of Materials tables describe the components needed for ASK operation for 433.92MHz and 315MHz.
Table 5 lists the component values that change between ASK and FSK operation. Note that use of a high FSK data rate
may excite parasitic resonant modes with some crystal types. Recommended crystals from the Bill of Materials tables are
good for both ASK and FSK.
Mode
R1
R2
R5
R6
JPR1
JPR2
C8
ASK
NP
100kΩ
0Ω
NP
0Ω
NP
NP
FSK
0Ω
NP
NP
100kΩ
NP
0Ω
3.3pF
(1)
10pF
(2)
Notes:
1.
C8 = 3.3pF for 1kHz using HC49/U or HC49US type crystals.
2.
C8= 10pF for 10kHz using HC49/U, (high profile) only.
Table 5. ASK and FSK Settings
R3
R4
Constant ON
0Ω
NP
External Standby Control
NP
100kΩ
Table 6. Enable Control (Shutdown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com