Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS28F010A Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS28F010A
Description  1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010A Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS28F010A Datasheet HTML 11Page - Texas Instruments TMS28F010A Datasheet HTML 12Page - Texas Instruments TMS28F010A Datasheet HTML 13Page - Texas Instruments TMS28F010A Datasheet HTML 14Page - Texas Instruments TMS28F010A Datasheet HTML 15Page - Texas Instruments TMS28F010A Datasheet HTML 16Page - Texas Instruments TMS28F010A Datasheet HTML 17Page - Texas Instruments TMS28F010A Datasheet HTML 18Page - Texas Instruments TMS28F010A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
TMS28F010A
1048576-BIT FLASH
ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
SMJS012 – DECEMBER 1992 – REVISED NOVEMBER 1993
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST
ALTERNATE
’28F010A-10
’28F010A-12
’28F010A-15
’28F010A-17
UNIT
PARAMETER
CONDITIONS
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time from
address, A0 – A16
tAVQV
100
120
150
170
ns
ta(E)
Access time from
chip enable, E
tELQV
100
120
150
170
ns
ten(G)
Access time from
output enable, G
tGLQV
45
50
55
60
ns
tc(R)
Cycle time, read
tAVAV
100
120
150
170
ns
td(E)
Delay time, E low
to low-Z output
CL = 100 pF,
tELQX
0
0
0
0
ns
td(G)
Delay time, G low
to low-Z output
L
1 Series 74
TTL load,
Input t
≤ 20 ns
tGLQX
0
0
0
0
ns
tdis(E)
Chip disable time
to hi-Z output
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
tEHQZ
0
55
0
55
0
55
0
55
ns
tdis(G)
Output disable
time to hi-Z
output
tGHQZ
0
30
0
30
0
35
0
35
ns
th(D)
Hold time, data
valid from
address, E, or G†
tAXQX
0
0
0
0
ns
trec(W)
Write recovery
time before read
tWHGL
6
6
6
6
µs
† Whichever occurs first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com