Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS28F010A Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS28F010A
Description  1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS28F010A Datasheet HTML 14Page - Texas Instruments TMS28F010A Datasheet HTML 15Page - Texas Instruments TMS28F010A Datasheet HTML 16Page - Texas Instruments TMS28F010A Datasheet HTML 17Page - Texas Instruments TMS28F010A Datasheet HTML 18Page - Texas Instruments TMS28F010A Datasheet HTML 19Page - Texas Instruments TMS28F010A Datasheet HTML 20Page - Texas Instruments TMS28F010A Datasheet HTML 21Page - Texas Instruments TMS28F010A Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TMS28F010A
1048576-BIT FLASH
ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
SMJS012 – DECEMBER 1992 – REVISED NOVEMBER 1993
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
Power Up
and
Standby
Set-Up-
Erase
Command
Erase
Command
Erasing
Erase-
Verify
Command
Erase
Verification
Standby/
Power Down
A0 – A16
E
G
W
DQ0 – DQ7
5 V
VCC
0 V
VPPH
VPP
VPPL
tc(W)
tsu(A)
tdis(G)
th(D)
th(WHD)
tw(W)
tsu(D)
td(E)
ta(E)
tsu(VPPEL)
th(WHD)
Data In = 20h
Data In = 20h
Data In = A0h
Valid Data Out
th(A)
tsu(E)
tr(VPP)
tsu(EHVPP)
tf(VPP)
tdis(E)
HI-Z
td(G)
ten(G)
tw(W)
tsu(D)
th(WHD)
tw(W)
tsu(D)
th(E)
tc(W)
tc(R)
th(E)
th(E)
tw(WH)
tc(E)B
trec(W)
tc(W)
tsu(E)
tsu(E)
trec(R)
Figure 8. Flash-Erase Cycle Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com