Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS61535A-IP1 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS61535A-IP1
Description  T1/E1 LINE INTERFACE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A-IP1 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS61535A-IP1 Datasheet HTML 14Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 15Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 16Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 17Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 18Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 19Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 20Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 21Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
proximately three Volts. When this threshold is
crossed, the device will delay for about 10 ms to
allow the power supply to reach operating voltage.
After this delay, calibration of the delay lines used
in the transmit and receive sections commences.
The delay lines can be calibrated only if a refer-
ence clock is present. The reference clock for the
receiver is provided by ACLKI (or by the crystal
oscillator if ACLKI is not present). The reference
clock for the transmitter is provided by TCLK. The
initial calibration should take less than 20 ms.
In operation, the delay lines are continuously cali-
brated, making the performance of the device
independent of power supply or temperature vari-
ations. The continuous calibration function
foregoes any requirement to reset the line inter-
face when in operation. However, a reset function
is available which will clear all registers.
In the Hardware and Extended Hardware modes, a
reset request is made by simultaneously setting both
RLOOP and LLOOP high for at least 200 ns. Reset
will initiate on the falling edge of the reset request
(falling edge of RLOOP and LLOOP). In the Host
Mode, a reset is initiated by simultaneously writing
RLOOP and LLOOP to the register. In either mode,
a reset will set all registers to 0 and set LOS high.
Serial Interface
In the Host Mode, pins 23 through 28 serve as a
microprocessor/microcontroller interface. One
eight-bit register can be written to via the SDI pin
or read from the SDO pin at the clock rate deter-
mined by SCLK. Through this register, a host
controller can be used to control operational char-
acteristics and monitor device status. The serial
port read/write timing is independent of the sys-
tem transmit and receive timing.
Data transfers are initiated by taking the chip se-
lect input, CS, low (CS must initially be high).
SCLK may be either high or low when CS in-
itially goes low. Address and input data bits are
clocked in on the rising edge of SCLK. Data on
SDO is valid and stable on the falling edge of
SCLK when CLKE is low, and on the rising edge
of SCLK when CLKE is high. Data transfers are
terminated by setting CS high. CS may go high
no sooner than 50 ns after the rising edge of the
SCLK cycle corresponding to the last write bit.
For a serial data read, CS may go high any time
to terminate the output.
Figure 13 shows the timing relationships for data
transfers when CLKE = 1. When CLKE = 0, data
output from the serial port, SDO, is valid on the
falling edge of SCLK. For CLKE = 1, data bit D7
is held to the falling edge of the 16th clock cycle;
for CLKE = 0, data bit D7 is held to the rising
edge of the 17th clock cycle. SDO goes to a high
CS
SCLK
SDO
SDI
D6
D5
D4
D3
D2
D1
D0
D7
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Address/Command Byte
Data Input/Output
0
0
0
1
0
R/W
Figure 13. Input/Output Timing
LSB, first bit
0
R/W
Read/Write Select; 0 = write, 1 =
read
1
ADD0
LSB of address, Must be 0
2
ADD1
Must be 0
3
ADD2
Must be 0
4
ADD3
Must be 0
5
ADD4
Must be 1
6
-
Reserved - Must be 0
Table 7. Address/Command Byte
CS61535A
18
DS40F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com