Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS61535A-IP1 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS61535A-IP1
Description  T1/E1 LINE INTERFACE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A-IP1 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS61535A-IP1 Datasheet HTML 25Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 26Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 27Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 28Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 29Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 30Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 31Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 32Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
APPLICATIONS
Line Interface
Figures A1-A3 show the typical configurations
for interfacing the I.C. to a line through transmit
and receive transformers.
The receiver transformer is center tapped and
center grounded with resistors between the center
tap and each leg on the I.C. side. These resistors
provide the termination for the line.
Figures A1-A3 show a 0.47
µF capacitor in series
with the transmit transformer primary. This ca-
pacitor is needed to prevent any buildup in the
core of the transformer due to any DC imbalance
that may be present at the differential outputs,
TTIP and TRING. If DC saturates the trans-
former, a DC offset will result during the
transmission of a space (zero) as the transformer
tries to dump the charge and return to equilib-
rium. The blocking capacitor will keep DC
current from flowing in the transformer.
Selecting an Oscillator Crystal
Specific crystal parameters are required for
proper operation of the CS61535A. It is recom-
me n de d th a t t h e C XT617 6 from Cry st al
Control
&
Monitor
Frame
Format
Encoder/
Decoder
CS61535A
IN
HOST
MODE
RECEIVE
LINE
TRANSMIT
LINE
28
1
12
11
5
7
6
8
3
4
2
9
10
XTL
RV+
+
68
µF
RGND
0.1
µF
+5V
21
15
+
1.0
µF
TGND
RV+
TV+
CLKE
ACLKI
LOS
DPM
MODE
RPOS
RNEG
RCLK
TPOS
TNEG
TCLK
XTALIN
XTALOUT
RGND
TGND
22
14
SCLK
CS
INT
SDI
SDO
RTIP
RRING
MTIP
MRING
TRING
TTIP
19
20
17
18
16
13
R1
R2
0.47
µF
CT 2:1
µP
Serial
Port
27
26
23
24
25
+5V
100 k
Ω
DEVICE
FREQUENCY
MHz
CABLE
Ω
R1&2
Ω
Transmit
Transformer
CS61535A
1.544
2.048
2.048
100
120
75
200
240
150
1:1.15
1:1.26
1:1
Figure A1. Host Mode Configuration
CS61535A
DS40F2
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com