Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP06ARTZ-REEL7 Datasheet(PDF) 25 Page - Analog Devices

Part # TMP06ARTZ-REEL7
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06ARTZ-REEL7 Datasheet(HTML) 25 Page - Analog Devices

Back Button TMP06ARTZ-REEL7 Datasheet HTML 20Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 21Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 22Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 23Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 24Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 25Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 26Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 27Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 25 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-203AA
2.00 BSC
0.30
0.15
0.10 MAX
1.00
0.90
0.70
SEATING
PLANE
1.10 MAX
0.22
0.08
0.46
0.36
0.26
3
54
12
PIN 1
2.10 BSC
0.65 BSC
1.25 BSC
0.10 COPLANARITY
8°
4°
0°
Figure 38. 5-Lead Thin Shrink Small Outline Transistor Package [SC-70]
(KS-5)
Dimensions shown in millimeters
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
1
3
4
5
2
0.22
0.08
10°
5°
0°
0.50
0.30
0.15 MAX
SEATING
PLANE
1.45 MAX
1.30
1.15
0.90
2.90 BSC
0.60
0.45
0.30
COMPLIANT TO JEDEC STANDARDS MO-178AA
Figure 39. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Minimum
Quantities/Reel
Temperature
Range1
Temperature
Accuracy2
Package
Description
Package
Option
Branding
TMP05AKS-500RL7
500
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T8A
TMP05AKS-REEL
10000
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T8A
TMP05AKS-REEL7
3000
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T8A
TMP05ART-500RL7
500
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T8A
TMP05ART-REEL
10000
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T8A
TMP05ART-REEL7
3000
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T8A
TMP05BKS-500RL7
500
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T8B
TMP05BKS-REEL
10000
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T8B
TMP05BKS-REEL7
3000
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T8B
TMP05BRT-500RL7
500
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T8B
TMP05BRT-REEL
10000
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T8B
TMP05BRT-REEL7
3000
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T8B
TMP05AKSZ-500RL74
500
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T8C
TMP05AKSZ-REEL4
10000
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T8C
TMP05AKSZ-REEL74
3000
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T8C
TMP05ARTZ-500RL74
500
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T8C
TMP05ARTZ-REEL4
10000
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T8C
TMP05ARTZ-REEL74
3000
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T8C
TMP05BKSZ-500RL74
500
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T8D
TMP05BKSZ-REEL4
10000
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T8D
TMP05BKSZ-REEL74
3000
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T8D
TMP05BRTZ-500RL74
500
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T8D
TMP05BRTZ-REEL4
10000
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T8D
TMP05BRTZ-REEL74
3000
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T8D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com