Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP06ARTZ-REEL7 Datasheet(PDF) 26 Page - Analog Devices

Part # TMP06ARTZ-REEL7
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06ARTZ-REEL7 Datasheet(HTML) 26 Page - Analog Devices

Back Button TMP06ARTZ-REEL7 Datasheet HTML 20Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 21Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 22Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 23Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 24Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 25Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 26Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 27Page - Analog Devices TMP06ARTZ-REEL7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 26 of 28
Model
Minimum
Quantities/Reel
Temperature
Range1
Temperature
Accuracy2
Package
Description
Package
Option
Branding
TMP06AKS-500RL7
500
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T9A
TMP06AKS-REEL
10000
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T9A
TMP06AKS-REEL7
3000
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T9A
TMP06ART-500RL7
500
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T9A
TMP06ART-REEL
10000
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T9A
TMP06ART-REEL7
3000
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T9A
TMP06BKS-500RL7
500
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T9B
TMP06BKS-REEL
10000
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T9B
TMP06BKS-REEL7
3000
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T9B
TMP06BRT-500RL7
500
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T9B
TMP06BRT-REEL
10000
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T9B
TMP06BRT-REEL7
3000
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T9B
TMP06AKSZ-500RL74
500
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T9C
TMP06AKSZ-REEL4
10000
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T9C
TMP06AKSZ-REEL74
3000
–40°C to +150°C
±2°C
5-Lead SC-70
KS-5
T9C
TMP06ARTZ-500RL74
500
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T9C
TMP06ARTZ-REEL4
10000
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T9C
TMP06ARTZ-REEL74
3000
–40°C to +150°C
±2°C
5-Lead SOT-233
RJ-5
T9C
TMP06BKSZ-500RL74
500
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T9D
TMP06BKSZ-REEL4
10000
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T9D
TMP06BKSZ-REEL74
3000
–40°C to +150°C
±1°C
5-Lead SC-70
KS-5
T9D
TMP06BRTZ-500RL74
500
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T9D
TMP06BRTZ-REEL4
10000
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T9D
TMP06BRTZ-REEL74
3000
–40°C to +150°C
±1°C
5-Lead SOT-233
RJ-5
T9D
1 It is not recommended to operate the device at temperatures above 125°C for more than a total of 5% (5,000 hours) of the lifetime of the device. Any exposure beyond
this limit affects device reliability.
2 A-Grade temperature accuracy is over the 0°C to 70°C temperature range and B-Grade temperature accuracy is over the +25°C to 70°C temperature range.
3 Consult sales for availability.
4 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com