Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PST26 Datasheet(PDF) 2 Page - Power System Technology

Part # PST26
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST26 Datasheet(HTML) 2 Page - Power System Technology

  PST26 Datasheet HTML 1Page - Power System Technology PST26 Datasheet HTML 2Page - Power System Technology PST26 Datasheet HTML 3Page - Power System Technology PST26 Datasheet HTML 4Page - Power System Technology PST26 Datasheet HTML 5Page - Power System Technology PST26 Datasheet HTML 6Page - Power System Technology PST26 Datasheet HTML 7Page - Power System Technology PST26 Datasheet HTML 8Page - Power System Technology PST26 Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Input Fuse
PST26 Rev. 00
Page 2 of 11
www.powersystemtechnology.com
A fuse mounted inside the converter protects against damages in case
of a failure. The fuse is not user-accessible. In DC mode, reverse polarity
at the input is protected and will not cause the fuse to blow .
Model
Fuse type
Ra�ng
Reference
PST26
Schurter
5A
0034.3124
Input Transient Protec�on
A VDR (Voltage Dependent Resistor) and a common mode input filter
form an effec�ve protec�on against input transients in severe environ-
ments.
Electrical Input Data
No Front panel (F)
The PST26 is built as standard with a aluminum front panel as
described in the mechanical data. In applica�ons where the com-
plete rack is covered by a single panel, the converter can be delivered
without front panel.
-40°C opera�on (T)
The thermal grade of the Vicor the DC/DC converters used and other
components are changed to comply with low ambiant temperature.
Conformal coa�ng (V)
During manufacturing process , when V op�on is specified,
components and pcb are covered with an acrylic coa�ng to address
high level of ambiant humidity applica�on.
ĀĀȀ̀ЀԀ؀
ĀĀ܀̀ࠀ؀
ĀĀऀ਀̀଀ࠀ؀ࠀ਀̀ఀ
ഀࠀ̀
ഀ฀ༀ
ĀȀ
̀ЀԀ
؀ȀȀ
܀ࠀȀ
Ԁऀ
ࠀȀ
ԀԀȀ
਀଀
ȀఀĀЀ
ȀఀĀഀ
Ԁ
฀
Ā
ༀ
ကᄀሀጀက᐀ᔀᘀ
܀ऀ
฀
؀ఀࠀ
ᜀ
ĀĀऀက฀ᄀ฀ሀ؀ጀᄀࠀఀ؀ࠀሀఀ
؀᐀Ѐ
က᠀ᤀᨀᬀᔀᰀሀጀᴀကሀጀᤀḀᰀကἀ !ᰀᔀᴀᨀ
ᄀᔀ"
᠀ᤀᨀᬀᔀᰀሀጀᴀကሀጀᤀḀᰀကἀ !ᰀᔀᴀᨀ
ᄀ#"
$ᬀᨀ%Ḁᨀጀ"&
' (ᨀᬀက$ᔀ"ᰀ ᬀ
̀܀Ȁᄀᔀ"ఀကࠀȀ਀଀ఀက'ጀ ᐀)
က*ጀᤀḀᰀက"Ḁᬀᬀᨀጀᰀ
฀ᰀကᄀሀጀက᐀ሀጀ
က+ ,! ᔀ#ကሀጀᤀḀᰀကᤀ (ᨀᬀ
฀ᰀကᄀሀጀကᰀ&ᤀ
က'ᨀᔀ-ကሀጀᬀḀᜀ.က"Ḁᬀᬀᨀጀᰀ
က/ᰀᔀᬀᰀ,Ḁᤀကᰀሀ᐀ᨀ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com