Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PST26 Datasheet(PDF) 6 Page - Power System Technology

Part # PST26
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST26 Datasheet(HTML) 6 Page - Power System Technology

Back Button PST26 Datasheet HTML 2Page - Power System Technology PST26 Datasheet HTML 3Page - Power System Technology PST26 Datasheet HTML 4Page - Power System Technology PST26 Datasheet HTML 5Page - Power System Technology PST26 Datasheet HTML 6Page - Power System Technology PST26 Datasheet HTML 7Page - Power System Technology PST26 Datasheet HTML 8Page - Power System Technology PST26 Datasheet HTML 9Page - Power System Technology PST26 Datasheet HTML 10Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electromagne�c Immunity
PST26 Rev. 00
Page 6 of 11
www.powersystemtechnology.com
Electromagne�c Emissions
Level according to EN55011, EN55022
Standard
Level Value Waveform Source imped. Test procedure Mode Criteria
Surges
Built to meet EN 61000-4-5
3
2000V 1,2 / 50 µs
12 ohms
OP
B
OP
B
Built to meet
Built to meet
10 pos., 10neg. OP
B
Electrical fast
transients/burst
EN 61000-4-4
4
4000V 5 / 50µs
50 ohms
Electrostatic discharge
(to case)
EN 6100-4-2
4
8000V 1 / 50µs
330 Ohms
Electromagne�c
Immunity to Environmental Condi�ons
Test method
Standard
Test conditions
Status
20g / 11ms
5g / 30ms
Vibrations
MIL STD 810D Proc. 514-3
Built to meet
Damp
Heat
MIL STD 810D Proc. 507-2 Humidity 93 %, 40°C, 56 days
Conformal coating option
only (V), built to meet
Shock
MIL STD 810D Proc.516.3
Built to meet



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com