Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2595 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2595 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2595 Datasheet HTML 4Page - National Semiconductor (TI) LM2595 Datasheet HTML 5Page - National Semiconductor (TI) LM2595 Datasheet HTML 6Page - National Semiconductor (TI) LM2595 Datasheet HTML 7Page - National Semiconductor (TI) LM2595 Datasheet HTML 8Page - National Semiconductor (TI) LM2595 Datasheet HTML 9Page - National Semiconductor (TI) LM2595 Datasheet HTML 10Page - National Semiconductor (TI) LM2595 Datasheet HTML 11Page - National Semiconductor (TI) LM2595 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Test Circuit and Layout Guidelines
As in any switching regulator, layout is very important. Rap-
idly switching currents associated with wiring inductance can
generate voltage transients which can cause problems. For
minimal inductance and ground loops, the wires indicated by
heavy lines should be wide printed circuit traces and
should be kept as short as possible. For best results, ex-
ternal components should be located as close to the
switcher lC as possible using ground plane construction or
single point grounding.
If open core inductors are used, special care must be
taken as to the location and positioning of this type of induc-
tor. Allowing the inductor flux to intersect sensitive feedback,
lC groundpath and C
OUT wiring can cause problems.
When using the adjustable version, special care must be
taken as to the location of the feedback resistors and the as-
sociated wiring. Physically locate both resistors near the IC,
and route the wiring away from the inductor, especially an
open core type of inductor. (See application section for more
information.)
Fixed Output Voltage Versions
DS012565-22
CIN — 120 µF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT — 120 µF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1 — 3A, 40V Schottky Rectifier, 1N5822
L1 — 100 µH, L29
Adjustable Output Voltage Versions
DS012565-23
CIN — 120 µF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT — 120 µF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1 — 3A, 40V Schottky Rectifier, 1N5822
L1 — 100 µH, L29
R1 —1 kΩ,1%
CFF — See Application Information Section
FIGURE 1. Standard Test Circuits and Layout Guides
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com