Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2595 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2595 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2595 Datasheet HTML 1Page - National Semiconductor (TI) LM2595 Datasheet HTML 2Page - National Semiconductor (TI) LM2595 Datasheet HTML 3Page - National Semiconductor (TI) LM2595 Datasheet HTML 4Page - National Semiconductor (TI) LM2595 Datasheet HTML 5Page - National Semiconductor (TI) LM2595 Datasheet HTML 6Page - National Semiconductor (TI) LM2595 Datasheet HTML 7Page - National Semiconductor (TI) LM2595 Datasheet HTML 8Page - National Semiconductor (TI) LM2595 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM2595
SIMPLE SWITCHER® Power Converter 150 kHz
1A Step-Down Voltage Regulator
General Description
The LM2595 series of regulators are monolithic integrated
circuits that provide all the active functions for a step-down
(buck) switching regulator, capable of driving a 1A load with
excellent line and load regulation. These devices are avail-
able in fixed output voltages of 3.3V, 5V, 12V, and an adjust-
able output version.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation†, and a fixed-frequency oscillator.
The LM2595 series operates at a switching frequency of
150 kHz thus allowing smaller sized filter components than
what would be needed with lower frequency switching regu-
lators. Available in a standard 5-lead TO-220 package with
several different lead bend options, and a 5-lead TO-263
surface mount package. Typically, for output voltages less
than 12V, and ambient temperatures less than 50˚C, no heat
sink is required.
A standard series of inductors are available from several dif-
ferent manufacturers optimized for use with the LM2595 se-
ries.
This
feature
greatly
simplifies
the
design
of
switch-mode power supplies.
Other features include a guaranteed ±4% tolerance on out-
put voltage under specified input voltage and output load
conditions, and ±15% on the oscillator frequency. External
shutdown is included, featuring typically 85 µA stand-by cur-
rent. Self protection features include a two stage frequency
reducing current limit for the output switch and an over tem-
perature shutdown for complete protection under fault condi-
tions.
Features
n 3.3V, 5V, 12V, and adjustable output versions
n Adjustable version output voltage range, 1.2V to 37V
±4% max over line and load conditions
n Available in TO-220 and TO-263 (surface mount)
packages
n Guaranteed 1A output load current
n Input voltage range up to 40V
n Requires only 4 external components
n Excellent line and load regulation specifications
n 150 kHz fixed frequency internal oscillator
n TTL shutdown capability
n Low power standby mode, IQ typically 85 µA
n High efficiency
n Uses readily available standard inductors
n Thermal shutdown and current limit protection
Applications
n Simple high-efficiency step-down (buck) regulator
n Efficient pre-regulator for linear regulators
n On-card switching regulators
n Positive to negative converter
Note: † Patent Number 5,382,918.
Typical Application (Fixed Output Voltage Versions)
SIMPLE SWITCHER® and
Switchers Made Simple® are registered trademarks of National Semiconductor Corporation.
DS012565-1
May 1999
© 1999 National Semiconductor Corporation
DS012565
www.national.com


Similar Part No. - LM2595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
logo
Texas Instruments
LM2595 TI1-LM2595 Datasheet
3Mb / 41P
LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595 Datasheet
3Mb / 41P
SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595 Datasheet
4Mb / 43P
SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2595 UMW-LM2595 Datasheet
986Kb / 11P
2A 150KHZ DC switching voltagestabilizing circuit
More results

Similar Description - LM2595

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com