Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2640 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2640
Description  Dual Adjustable Step-Down Switching Power Supply Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2640 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2640 Datasheet HTML 2Page - National Semiconductor (TI) LM2640 Datasheet HTML 3Page - National Semiconductor (TI) LM2640 Datasheet HTML 4Page - National Semiconductor (TI) LM2640 Datasheet HTML 5Page - National Semiconductor (TI) LM2640 Datasheet HTML 6Page - National Semiconductor (TI) LM2640 Datasheet HTML 7Page - National Semiconductor (TI) LM2640 Datasheet HTML 8Page - National Semiconductor (TI) LM2640 Datasheet HTML 9Page - National Semiconductor (TI) LM2640 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical Characteristics (Continued)
Typicals and limits appearing in regular type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junc-
tion temperature range for operation, 0 to +125˚C. Unless otherwise specified under the Parameter or Conditions columns, V
IN
= 10V, and V
SD =VON/OFF1 =VON/OFF2 = 5V. (Note 2), (Note 6) and (Note 7)
Symbol
Parameter
Conditions
Typical
Limit
Units
V
OUT Undervoltage Shutdown
Latch Threshold
70
%
60
%(min)
80
%(max)
V
OUT Overvoltage Shutdown
Latch Threshold
150
%
135
%(min)
165
%(max)
Secondary Feedback
Threshold Voltage
(2NDFB/FPWM)
2.5
V
2.4
V(min)
2.6
V(max)
(2NDFB/FPWM) Pin
Pull-Up Current
V
SD = 2.4V
V
ON/OFF1 =0V
V
ON/OFF2 = 2.4V
40
80
µA(max)
(2NDFB/FPWM) Pin
Input Leakage Current
V
SD = 2.4V
V
ON/OFF1 =0V
V
ON/OFF2 = 2.4V
±0.1
µA
Gate Drive
V
BOOT
Bootstrap Voltage (Voltage
from CBOOT1 to SW1 and
from CBOOT2 to SW2)
CBOOT1 and CBOOT2 Source
1 µA Each
4.5
V
4.3
V(min)
HDRV1 and HDRV2 Sink and
Source Current
0.35
A
LDRV1 and LDRV2 Sink and
Source Current
0.35
A
HDRV1 and HDRV2 High-Side
On-Resistance
V
CBOOT1 =VCBOOT2 = 5V, VSW1 =
V
SW2 =0V
6
Ω
HDRV1 and HDRV2 Low-Side
On-Resistance
V
CBOOT1 =VCBOOT2 = 5V, VSW1 =
V
SW2
=0V
4
Ω
LDRV1 and LDRV2 High-Side
On-Resistance
V
LIN =5V
8
Ω
LDRV1 and LDRV2 Low-Side
On-Resistance
V
LIN =5V
4
Ω
Oscillator
F
OSC
Oscillator Frequency
200
kHz
170
kHz(min)
230
kHz(max)
−40˚C
≤ T
J ≤ +125˚C
200
160
kHz(min)
230
kHz(max)
Minimum OFF-Time
V
FB1 = 1V, Measured at HDRV1
250
ns
350
ns(max)
Maximum Frequency of
Synchronization
400
kHz(min)
Minimum Width of
Synchronization Pulses
SYNC Pulses are Low-Going
200
ns(min)
Error Amplifier
I
FB1,IFB2
Feedback Input Bias Current
V
FB1 =VFB2 = 1.4V
100
nA
250
nA(max)
V
FB1 =VFB2 = 1.4V
−40˚C
≤ T
J ≤ +125˚C
100
360
nA(max)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com