Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2640 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2640
Description  Dual Adjustable Step-Down Switching Power Supply Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2640 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2640 Datasheet HTML 3Page - National Semiconductor (TI) LM2640 Datasheet HTML 4Page - National Semiconductor (TI) LM2640 Datasheet HTML 5Page - National Semiconductor (TI) LM2640 Datasheet HTML 6Page - National Semiconductor (TI) LM2640 Datasheet HTML 7Page - National Semiconductor (TI) LM2640 Datasheet HTML 8Page - National Semiconductor (TI) LM2640 Datasheet HTML 9Page - National Semiconductor (TI) LM2640 Datasheet HTML 10Page - National Semiconductor (TI) LM2640 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Electrical Characteristics (Continued)
Typicals and limits appearing in regular type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junc-
tion temperature range for operation, 0 to +125˚C. Unless otherwise specified under the Parameter or Conditions columns, V
IN
= 10V, and V
SD =VON/OFF1 =VON/OFF2 = 5V. (Note 2), (Note 6) and (Note 7)
Symbol
Parameter
Conditions
Typical
Limit
Units
I
COMP1,ICOMP2
COMP Output Source Current
V
FB1 =VFB2 = 1V, VCOMP1 =
V
COMP2 =1V
90
µA
40
µA(min)
I
COMP1,ICOMP2
COMP Output Sink Current
V
FB1 =VFB2 = 1.4V, VCOMP1 =
V
COMP2 = 0.2V
60
µA
40
µA(min)
Voltage References and Linear Voltage Regulator
V
BG
Bandgap Voltage
1.238
V
V
REF
Reference Voltage
0.01 mA
≤ I
REF ≤ 5 mA Source,
V
LIN ≤ 6V
2.5
V
2.45
V(min)
2.55
V(max)
0.01 mA
≤ I
REF ≤ 5 mA Source,
V
LIN ≤ 6V
−40˚C
≤ T
J ≤ +125˚C
2.5
2.45
V(min)
2.555
V(max)
V
LIN
Output Voltage of the Linear
Voltage Regulator
6V
≤ V
IN ≤ 30V,
0mA
≤ I
LIN ≤ 25 mA
5V
4.6
V(min)
5.4
V(max)
V
UVLO
Undervoltage Lockout
Threshold
(Note 11)
4.0
V
3.6
V(min)
4.4
V(max)
(Note 11)
4.0
3.6
V(min)
−40˚C
≤ T
J ≤ +125˚C
4.42
V(max)
LIN-to-V
OUT Switch-Over
Threshold
V
OUT taken at CSL1
4.8
V
Logic Inputs
V
IH
Minimum High Level Input
Voltage (SD, ON/OFF1,
ON/OFF2, and SYNC)
2.4
V(min)
−40˚C
≤ T
J ≤ +125˚C
2.45
V(min)
V
IH
Minimum High Level Input
Voltage (2NDFB/FPWM)
2.6
V(min)
V
IL
Maximum Low Level Input
Voltage (SD, ON/OFF1,
ON/OFF2, SYNC, and
2NDFB/FPWM)
0.8
V(max)
Maximum Input Leakage
Current (SD, ON/OFF1,
ON/OFF2, and SYNC)
Logic Input Voltage 0 or 5V
±0.1
µA
Note 1: Unless otherwise specified, all voltages are with respect to the voltage at the GND and PGND pins.
Note 2: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 3: The Absolute Maximum power dissipation depends on the ambient temperature. The 883 mW rating results from substituting 150˚C, 70˚C, and 90.6˚C/W
for TJmax,TA, and θJA respectively into the formula Pmax =(TJmax -TA)/θJA, where Pmax is the Absolute Maximum power dissipation, TJmax is the Absolute Maximum
junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance of the package. A θJA of 90.6˚C/W represents the
worst-case condition of no heat sinking of the 28-pin TSSOP. Heat sinking allows the safe dissipation of more power. The Absolute Maximum power dissipation must
be derated by 11.04 mW per ˚C above 70˚C ambient. The LM2640 actively limits its junction temperature to about 150˚C.
Note 4: For detailed information on soldering plastic small-outline packages, refer to the Packaging Databook available from National Semiconductor Corporation.
Note 5: For testing purposes, ESD was applied using the human-body model, a 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 6: A typical is the center of characterization data taken with TA =TJ = 25˚C. Typicals are not guaranteed.
Note 7: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TA = 25˚C. All hot and cold limits are
guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com