Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5301 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5301
Description  Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5301 Datasheet HTML 1Page - ON Semiconductor CS5301 Datasheet HTML 2Page - ON Semiconductor CS5301 Datasheet HTML 3Page - ON Semiconductor CS5301 Datasheet HTML 4Page - ON Semiconductor CS5301 Datasheet HTML 5Page - ON Semiconductor CS5301 Datasheet HTML 6Page - ON Semiconductor CS5301 Datasheet HTML 7Page - ON Semiconductor CS5301 Datasheet HTML 8Page - ON Semiconductor CS5301 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2002
October, 2002 – Rev. 11
1
Publication Order Number:
CS5301/D
CS5301
Three-Phase
Buck Controller with
Integrated Gate Drivers and
Power Good
The CS5301 is a three–phase step down controller which
incorporates all control functions required to power high performance
processors and high current power supplies. Proprietary multi–phase
architecture guarantees balanced load current distribution and reduces
overall solution cost in high current applications. Enhanced V2
control architecture provides the fastest possible transient response,
excellent overall regulation, and ease of use.
The CS5301 multi–phase architecture reduces output voltage and
input current ripple, allowing for a significant reduction in inductor
values and a corresponding increase in inductor current slew rate. This
approach allows a considerable reduction in input and output capacitor
requirements, as well as reducing overall solution size and cost.
Features
Enhanced V2 Control Method
5–Bit DAC with 1% Accuracy
Adjustable Output Voltage Positioning
6 On–Board Gate Drivers
200 kHz to 800 kHz Operation Set by Resistor
Current Sensed through Buck Inductors, Sense Resistors, or V–S
Control
Hiccup Mode Current Limit
Individual Current Limits for Each Phase
On–Board Current Sense Amplifiers
3.3 V, 1.0 mA Reference Output
5.0 V and/or 12 V Operation
On/Off Control (through COMP Pin)
Power Good Output
Device
Package
Shipping
ORDERING INFORMATION
CS5301GDW32
SO–32L
22 Units/Rail
CS5301GDWR32
SO–32L
1000 Tape & Reel
PIN CONNECTIONS
SO–32L
DW SUFFIX
CASE 751P
MARKING DIAGRAM
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
CS5301
AWLYYWW
1
32
1
32
132
ROSC
COMP
VCCL
VFB
VCCL1
VDRP
GATE(L)1
CS1
GND1
CS2
Gate(H)1
CS3
VCCH12
CSREF
Gate(H)2
PWRGD
GND2
VID0
Gate(L)2
VID1
VCCL23
VID2
Gate(L)3
VID3
GND3
VID4
Gate(H)3
PWRGDS
VCCH3
ILIM
LGND
REF
http://onsemi.com


Similar Part No. - CS5301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDWR32 ONSEMI-CS5301GDWR32 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDWR32G ONSEMI-CS5301GDWR32G Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
More results

Similar Description - CS5301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5332A ONSEMI-NCP5332A Datasheet
328Kb / 30P
Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
August, 2003 ??Rev. 4
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
logo
Intersil Corporation
ISL8103 INTERSIL-ISL8103 Datasheet
770Kb / 27P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
February 15, 2006
logo
ON Semiconductor
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
NCP5378 ONSEMI-NCP5378 Datasheet
208Kb / 18P
Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5378MNR2G ONSEMI-NCP5378MNR2G Datasheet
208Kb / 18P
Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
logo
Renesas Technology Corp
ISL6308 RENESAS-ISL6308 Datasheet
1Mb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com