Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5301 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS5301
Description  Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS5301 Datasheet HTML 6Page - ON Semiconductor CS5301 Datasheet HTML 7Page - ON Semiconductor CS5301 Datasheet HTML 8Page - ON Semiconductor CS5301 Datasheet HTML 9Page - ON Semiconductor CS5301 Datasheet HTML 10Page - ON Semiconductor CS5301 Datasheet HTML 11Page - ON Semiconductor CS5301 Datasheet HTML 12Page - ON Semiconductor CS5301 Datasheet HTML 13Page - ON Semiconductor CS5301 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
VCCH12
Gate
Nonoverlap
S
R
VCCL1
PH1
+
MAXC1
CO1
+
PWMC1
CO1
0.4 V
+
FAULT
VCCH12
S
R
VCCL23
PH2
+
MAXC2
CO2
+
PWMC2
CO2
0.4 V
+
FAULT
VCCH3
S
R
VCCL23
PH3
+
MAXC3
CO3
+
PWMC3
CO3
0.4 V
+
FAULT
ILIM
Gate(H)1
Gate(L)1
GND1
Gate(H)2
Gate(L)2
GND2
Gate(H)3
Gate(L)3
GND3
Gate
Nonoverlap
Gate
Nonoverlap
OVIC
RESC
0.25 V
+
+
START
STOP
3.5 V
+
3.2 V
VCCH12
+
START
STOP
4.5 V
+
4.3 V
VCCL
S
R
125 mV
+
VCCL
3.3 V
REF
DAC
REF
VID0
VID1
VID2
VID3
VID4
DACOUT
FAULT
VCCH3
VCCH12
VCCL23
VCCL1
VCCL
DLY
PWRGD
DAC X
97.5 %
PWRGDS
+
CSA1
+
+
CSA2
CSA3
CO1
CO2
CO3
×4
VDRP
CSREF
CS3
CS2
CS1
+
AVPA
VITotal
× 1.5
× 0.75
DACOUT
COMP
LGND
FAULT
5.0
µA
EA
DACOUT
FAULT
VFB
Current
Source
Gen
ROSC
OSC
PH 1
PH 2
PH 3
BIAS
12
12
2.0 V
+
0.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com