Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM317 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # LM317
Description  isc Adjustable Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

LM317 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  LM317 Datasheet HTML 1Page - Inchange Semiconductor Company Limited LM317 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc Adjustable Voltage Regulator
LM317
·
ELECTRICAL CHARACTERISTICS
(Vi-Vo=5V,IO=0.5A,IMAX=1.5A,PMAX=20W,unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
△
VO
Line Regulation
Vi -Vo= 3V to 40V;IO=10mA to 1.5A
0.07
%
/ V
SVR
Ripple Rejection
Vo= 10V; f= 120Hz, CADJ= 10μF
66
dB
△
VO
Load Regulation
IO= 10mA to 1.5A;Vo≤5V ;Tj = 25 oC
25
mV
IO= 10mA to 1.5A;Vo>5V ;Tj = 25 oC
0.5
%
Io (min)
Minimum Load Current
Vi - Vo = 40 V
10
mA
IO (max)
Maximum Load Current
Vi - Vo ≤ 15 V
1.5
A
Vi - Vo = 40 V;Tj = 25 oC
0.15
A
IADJ
Adjustment Pin Current
Vi -Vo= 5V ;IO= 500mA
100
μ
A
△
IADJ
Adjustment Pin Current
Vi -Vo= 2.5V to 40V;IO= 10mA to1.5A
5
μ
A
VREF
Reference Voltage
Vi -Vo= 3V to 40V ; IO= 10mA to 1.5A,
P≤15W
1.2
1.25
1.3
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com