Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM317 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # LM317
Description  isc Adjustable Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

LM317 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  LM317 Datasheet HTML 1Page - Inchange Semiconductor Company Limited LM317 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Adjustable Voltage Regulator
LM317
FEATURES
·
Output Voltage Range :1.2V to 37V
·
Output Current in Excess of 1.5A
·
0.1% Line and Load Regulation
·
Floating Opearation for High Voltages
·
Complete Series of Protections:
Current Limiting,
Thermal Shutdown and SOA Control
DESCRIPTION
·
They are designed to supply more than 1.5A of load current
with an output voltage adjustable over a 1.2 to 37V range.
·
The nominal output voltage is selected by means of only a
resistive divider,making the device exceptionally easy to use
and eliminating the stocking of many fixed regulators.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3
℃
/W
Rth j-a
Thermal Resistance,Junction to Ambient
50
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
Vi -Vo
Input-output Differential Voltage
40
V
IO
Output Current
Internally Limited
A
PD
Power Dissipation
Internally Limited
W
TOP
Operating Junction Temperature
0~125
℃
TSTG
Storage Temperature
-65~+125
℃


Similar Part No. - LM317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
STMicroelectronics
LM317 STMICROELECTRONICS-LM317 Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
LM317 ETC-LM317 Datasheet
202Kb / 3P
3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR
More results

Similar Description - LM317

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCUC723 UTC-UTCUC723 Datasheet
222Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S3ULM317 SECOS-S3ULM317 Datasheet
298Kb / 4P
Adjustable Voltage Regulator
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
Adjustable Voltage Regulator
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
Adjustable Voltage Regulator
LM317T ISC-LM317T Datasheet
127Kb / 1P
Adjustable Voltage Regulator
logo
E-Tech Electronics LTD
UC723 ETL-UC723 Datasheet
154Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_15 Datasheet
267Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
UTCUC723 UTC-UTCUC723_V01 Datasheet
264Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com