Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC4066D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC4066D
Description  Quad bilateral switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4066D Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC4066D Datasheet HTML 1Page - NXP Semiconductors 74LVC4066D Datasheet HTML 2Page - NXP Semiconductors 74LVC4066D Datasheet HTML 3Page - NXP Semiconductors 74LVC4066D Datasheet HTML 4Page - NXP Semiconductors 74LVC4066D Datasheet HTML 5Page - NXP Semiconductors 74LVC4066D Datasheet HTML 6Page - NXP Semiconductors 74LVC4066D Datasheet HTML 7Page - NXP Semiconductors 74LVC4066D Datasheet HTML 8Page - NXP Semiconductors 74LVC4066D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2003 Aug 12
5
Philips Semiconductors
Product specification
Quad bilateral switches
74LVC4066
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V);
see note 1.
Notes
1. To avoid drawing VCC current out of terminal Z, when switch current flows in terminal Y, the voltage drop across the
bidirectional switch must not exceed 0.4 V. If the switch current flows into terminal Z, no VCC current will flow out of
terminal Y. In this case there is no limit for the voltage drop across the switch, but the voltage at Y and Z may not
exceed VCC or GND.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
3. For SO14 packages: above 70
°C derate linearly with 8 mW/K.
For TSSOP14 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
°C derate linearly with 4.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VS
switch voltage
0
VCC
V
Tamb
operating ambient temperature
−40
+125
°C
tr, tf
input rise and fall times
VCC = 1.65 to 2.7 V
0
20
ns/V
VCC = 2.7 to 5.5 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6.5
V
VI
input voltage
note 2
−0.5
+6.5
V
IIK
input diode current
VI < −0.5 V or VI >VCC + 0.5 V
−−50
mA
ISK
switch diode current
VI < −0.5 V or VI >VCC + 0.5 V
−±50
mA
VS
switch voltage
enable and disable mode
−0.5
+6.5
V
IS
switch source or sink current
−0.5 < VS <VCC + 0.5 V
−±50
mA
ICC, IGND
VCC or GND current
−±100 mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 to +125 °C; note 3
−
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com