Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC4066D Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 74LVC4066D
Description  Quad bilateral switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4066D Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 74LVC4066D Datasheet HTML 14Page - NXP Semiconductors 74LVC4066D Datasheet HTML 15Page - NXP Semiconductors 74LVC4066D Datasheet HTML 16Page - NXP Semiconductors 74LVC4066D Datasheet HTML 17Page - NXP Semiconductors 74LVC4066D Datasheet HTML 18Page - NXP Semiconductors 74LVC4066D Datasheet HTML 19Page - NXP Semiconductors 74LVC4066D Datasheet HTML 20Page - NXP Semiconductors 74LVC4066D Datasheet HTML 21Page - NXP Semiconductors 74LVC4066D Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
2003 Aug 12
18
Philips Semiconductors
Product specification
Quad bilateral switches
74LVC4066
handbook, full pagewidth
MNB114
0.1
µF
RL
600
Ω
Rin
VO1
1/2VCC
CL
50 pF
1Y or 1Z
1Z or 1Y
channel ON
E1
VIH
fin
50
Ω
600
Ω
RL
600
Ω
VO2
1/2VCC
CL
50 pF
2Y or 2Z
2Z or 2Y
channel OFF
E2
VIL
Rin
600
Ω
Fig.21 Crosstalk between switches.
handbook, full pagewidth
MNA675
on
off
logic
input (E)
VO
∆Vout
off
handbook, full pagewidth
MNA674
RL
VO
CL
Rgen
Vgen
logic
input
1
M
Ω
0.1
nF
Z/Y
Y/Z
E
Fig.22 Charge injection test.
Q=
∆Vout × CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com