Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM5347 Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 31Page - PMC-Sierra, Inc PM5347 Datasheet HTML 32Page - PMC-Sierra, Inc PM5347 Datasheet HTML 33Page - PMC-Sierra, Inc PM5347 Datasheet HTML 34Page - PMC-Sierra, Inc PM5347 Datasheet HTML 35Page - PMC-Sierra, Inc PM5347 Datasheet HTML 36Page - PMC-Sierra, Inc PM5347 Datasheet HTML 37Page - PMC-Sierra, Inc PM5347 Datasheet HTML 38Page - PMC-Sierra, Inc PM5347 Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
19
Pin Name
Type
Pin
No.
Function
LRDI
Output
175
The line remote defect indication (LRDI) signal is
set high when line RDI is declared. This occurs
when a 110 binary pattern is detected in bits 6, 7,
and 8 of the K2 byte for three or five consecutive
frames (as selected in the RLOP Control/Status
register). LRDI is removed when any pattern
other than 110 is detected in bits 6, 7, and 8 of
the K2 byte for three or five consecutive frames.
This alarm indication is also available via register
access. LRDI is updated on the falling edge of
GROCLK.
LOP
Output
182
The loss of pointer (LOP) signal is set high when
loss of pointer is declared. This occurs when a
valid pointer (H1, H2) is not found in eight
consecutive frames, or if eight consecutive new
data flags are detected. LOP is removed when
the same valid and normal pointer with a normal
new data flag is detected in three consecutive
frames. The loss of pointer state is not entered if
the receive stream contains path AIS. This alarm
indication is also available via register access.
LOP is updated on the falling edge of GROCLK.
PAIS
Output
180
The path AIS (PAIS) signal is set high when path
AIS is declared. This occurs when an all ones
pattern is observed in the pointer bytes (H1, H2)
for three consecutive frames. Path AIS is
removed when the same valid and normal pointer
is detected for three consecutive frames or a legal
pointer with an active new data flag (NDF) is
received. This alarm indication is also available
via register access. PAIS is updated on the falling
edge of GROCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com