Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM5347 Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 94Page - PMC-Sierra, Inc PM5347 Datasheet HTML 95Page - PMC-Sierra, Inc PM5347 Datasheet HTML 96Page - PMC-Sierra, Inc PM5347 Datasheet HTML 97Page - PMC-Sierra, Inc PM5347 Datasheet HTML 98Page - PMC-Sierra, Inc PM5347 Datasheet HTML 99Page - PMC-Sierra, Inc PM5347 Datasheet HTML 100Page - PMC-Sierra, Inc PM5347 Datasheet HTML 101Page - PMC-Sierra, Inc PM5347 Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
82
Register 0x02: S/UNI-PLUS Master Interrupt Status
Bit
Type
Function
Default
Bit 7
R
MISCI
X
Bit 6
R
SSTBI
X
Bit 5
R
SPTBI
X
Bit 4
R
TACPI
X
Bit 3
R
RACPI
X
Bit 2
R
RPOPI
X
Bit 1
R
RLOPI
X
Bit 0
R
RSOPI
X
This register allows the source of an active interrupt to be identified down to the
block level. Further register accesses are required for the block in question to
determine the cause of an active interrupt and to acknowledge the interrupt
source.
RSOPI:
The RSOPI bit is a logic one when an interrupt request is active from the
RSOP block. The RSOP interrupt sources are enabled in the RSOP
Control/Interrupt Enable Register.
RLOPI:
The RLOPI bit is a logic one when an interrupt request is active from the
RLOP block. The RLOP interrupt sources are enabled in the RLOP Interrupt
Enable/Status Register.
RPOPI:
The RPOPI bit is a logic one when an interrupt request is active from the
RPOP block. The RPOP interrupt sources are enabled in the RPOP Interrupt
Enable Register.
RACPI:
The RACPI bit is a logic one when an interrupt request is active from the
RACP block. The RACP interrupt sources are enabled in the RACP Interrupt
Enable/Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com