Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP592201DSCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP592201DSCT
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP592201DSCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP592201DSCT Datasheet HTML 2Page - Texas Instruments LP592201DSCT Datasheet HTML 3Page - Texas Instruments LP592201DSCT Datasheet HTML 4Page - Texas Instruments LP592201DSCT Datasheet HTML 5Page - Texas Instruments LP592201DSCT Datasheet HTML 6Page - Texas Instruments LP592201DSCT Datasheet HTML 7Page - Texas Instruments LP592201DSCT Datasheet HTML 8Page - Texas Instruments LP592201DSCT Datasheet HTML 9Page - Texas Instruments LP592201DSCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LP5922
SNVSAG0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = VOUT(NOM) + 0.5 V or 1.3 V, whichever is greater; VEN = 1.2 V, CIN = 22 μF, COUT = 22 μF, OUT connected to 50 Ω to
GND, VFB = 0.5 V, CSS/NR = 0.12 µF, CFF = 0.01 µF, and PG pin pulled up to VIN by 100-kΩ resistor (unless otherwise
noted).
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(9)
There is a 2-MΩ resistor between EN and ground (pulldown) on the device.
LOGIC INPUT THRESHOLDS
VIL(EN)
EN pin low threshold
VEN falling (↓) until output is OFF
0.35
V
VIH(EN)
EN pin high threshold
VEN rising (↑) until output is ON
1.2
V
IEN
Input current at EN pin (9)
VIN = 6 V, VEN = 6 V
3
µA
PGHTH
PG high threshold (% of
nominal VOUT)
VOUT rising (↑) until PG goes high
94%
PGLTH
PG low threshold (% of
nominal VOUT)
VOUT falling (↓) until PG goes low
90%
VOL(PG)
PG pin low-level output
voltage
VOUT < PGLTH, sink current = 1 mA
400
mV
ILKG(PG)
PG pin leakage current
VOUT > PGHTH, VPG = 6 V
1
µA
SOFT START
ISS
SS/NR pin charging
current
6.2
µA
THERMAL SHUTDOWN
TSD
Thermal shutdown
temperature
165
°C
ΔTSD
Thermal shutdown
hysteresis
15
°C
TRANSITION CHARACTERISTICS
ΔVOUT
Line transients
ΔVIN = 0.5 V, VOUT = 2.8 V,
tRISE = tFALL = 5 μs
3
mV
Load transients
VOUT = 3.3 V, IOUT = 10 mA to 2 A to 10 mA
tRISE = tFALL = 1 V/μs
25
RAD
Output discharge pull-
down resistance
VEN = 0 V, VIN = 2.3 V
400
Ω
(1)
Typically input capacitance placed close to the device is in the same order as output capacitance. See also Input Capacitor, CIN.
6.6 Input and Output Capacitors
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CIN
Input capacitance(1)
22
µF
COUT
Output capacitance
VOUT ≤ 0.8 V
34
47
µF
VOUT > 0.8 V
15
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com