Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP592201DSCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP592201DSCT
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP592201DSCT Datasheet(HTML) 1 Page - Texas Instruments

  LP592201DSCT Datasheet HTML 1Page - Texas Instruments LP592201DSCT Datasheet HTML 2Page - Texas Instruments LP592201DSCT Datasheet HTML 3Page - Texas Instruments LP592201DSCT Datasheet HTML 4Page - Texas Instruments LP592201DSCT Datasheet HTML 5Page - Texas Instruments LP592201DSCT Datasheet HTML 6Page - Texas Instruments LP592201DSCT Datasheet HTML 7Page - Texas Instruments LP592201DSCT Datasheet HTML 8Page - Texas Instruments LP592201DSCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Frequency (Hz)
10 20
100
1000
10000
100000 1000000
1E+7
-100
-80
-60
-40
-20
0
D014
IOUT = 1 mA
IOUT = 1 A
IOUT = 2 A
OUT
PG
VIN
2.5 V
EN
LP5922
VOUT
1.8 V
IN
GND
FB
SS/NR
IN
OUT
VIN
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5922
SNVSAG0 – NOVEMBER 2016
LP5922 2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
1
1 Features
1
•
Wide Input Voltage Range: 1.3 V to 6 V
•
Low VIN Voltage Without Extra Bias Voltage
•
Adjustable Output Voltage: 0.5 V to 5 V
•
Low Dropout: 200 mV at 2-A Load
•
Low Output Voltage Noise: 25 μVRMS
•
Output Current: 2 A
•
–40
˚C to +125°C Operating Junction Temperature
•
Programmable Soft Start Limits Inrush Current
•
3-mm × 3-mm × 0.75-mm 10-Pin WSON Package
•
Thermal-Overload and Short-Circuit Protection
•
Output Voltage Tolerance: ±1.5%
•
Shutdown Supply Current : 0.1 μA
•
PSRR: 70 dB at 1 kHz
•
Power Good Output
2 Applications
•
Space-Constrained Applications
•
Noise- and Ripple-Sensitive High Current Analog
or RF Systems
•
Target Sectors
–
Medical, Test and Measurement Equipment
–
Portable and Consumer electronics
–
Telecom and Networking Cards
–
Wireless Infrastructure
–
Industrial Applications
•
Typical Systems
–
Radio Transceivers, Power Amplifiers,
PLL/Synthesizer, Clocking, VCO, GPRS, 3G
Modules, FPGAs, DSP, GPUs, and others
3 Description
The LP5922 is 2-A low dropout (LDO) linear regulator
with 200-mV typical dropout voltage at maximum
current levels. The LP5922 device can operate from a
voltage rail down to 1.3 V without additional bias
supply. System efficiency is maximized and power
dissipation minimized by the low dropout and low VIN
capability. The device also features low quiescent
current and very low shutdown current.
The LP5922 device was designed to have high PSRR
and low output noise to support sensitive analog
applications without additional filtering. The output
noise can be reduced even further by implementing a
small capacitor on the SS/NR pin.
The output voltage is adjustable from 0.5 V to 5 V by
an external resistor divider. Enable pin, adjustable
soft start and optional Power Good features help with
system
power
sequencing.
Inrush
current
is
controlled with the soft start and the device has short
circuit and thermal protections.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5922
WSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
space
space
space
space
Simplified Schematic
PSRR


Similar Part No. - LP592201DSCT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5900 TI1-LP5900 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900 TI1-LP5900 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900 TI1-LP5900 Datasheet
1Mb / 30P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5900 TI2-LP5900 Datasheet
1Mb / 29P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
REVISED JUNE 2016
More results

Similar Description - LP592201DSCT

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
Micrel Semiconductor
MIC47050 MICREL-MIC47050 Datasheet
494Kb / 14P
500mA ULDO with Low Input and Low Output Voltage
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
logo
Texas Instruments
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
Anaren Microwave
MSK5141 ANAREN-MSK5141 Datasheet
472Kb / 8P
1.5A LOW NOISE, ADJUSTABLE LDO REGULATOR
MSK5143 ANAREN-MSK5143 Datasheet
953Kb / 10P
3A LOW NOISE, ADJUSTABLE LDO REGULATOR
logo
Asahi Kasei Microsystem...
AP1151 AKM-AP1151 Datasheet
968Kb / 29P
200mA Output,High PSRR,Low Noise LDO Regulator Adjustable Output Voltage Type
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
STMicroelectronics
LD56020 STMICROELECTRONICS-LD56020 Datasheet
1Mb / 23P
Low input voltage, 200 mA ultra-low noise LDO
01-Mar-2022
logo
Texas Instruments
TPS7A53B TI-TPS7A53B Datasheet
1Mb / 35P
TPS7A53B 3-A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com