Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD230-9TO Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # AD230-9TO
Description  APD with 0.04 mm짼 active area
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD230-9TO Datasheet(HTML) 2 Page - Sensortechnics GmbH

  AD230-9TO Datasheet HTML 1Page - Sensortechnics GmbH AD230-9TO Datasheet HTML 2Page - Sensortechnics GmbH AD230-9TO Datasheet HTML 3Page - Sensortechnics GmbH AD230-9TO Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD230-9 TO
Part Description AD230-9 TO
Order # 500020; 500023; 501265
Order # 500020; 500023; 501265
Version 17-06-13
Version 17-06-13
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of bias (23 °C)
Dark current as fct of bias (23 °C)
Filter characteristics 905 nm band pass (#501265)
Application hints*:
• Current should be limited by a protecting resistor or current limiting - IC inside the power supply
• For low light level applications blocking of ambient light should be used
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
Westlake Village
5700 Corsa Avenue #105
First Sensor Inc.
USA:
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
F +1 818 889 7053
T +1 818 706 3400
CA 91362 USA
T +49 30 6399 2399
F +49 30 639923-752
0
20
40
60
80
100
400 450 500 550 600 650 700 750 800 850 900 950 100010501100
Wavelength (nm)
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
70
80
Reverse bias (V)
1
10
100
1,000
20
40
60
80
100
120
140
160
180
200
220
Reverse bias [V]
1.0E-11
1.0E-10
1.0E-09
1.0E-08
20
40
60
80
100
120
140
160
180
200
220
Reverse bias [V]
Diode, protective
Read-out circuit or
f.e. 50 Load resistance
min. 0,1 µF,
closest to APD
Current limiting resistor
Bias supply voltage
APD
0
20
40
60
80
100
400
500
600
700
800
900
1000
1100
Wavelength (nm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com