Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD230-9TO Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # AD230-9TO
Description  APD with 0.04 mm짼 active area
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD230-9TO Datasheet(HTML) 3 Page - Sensortechnics GmbH

  AD230-9TO Datasheet HTML 1Page - Sensortechnics GmbH AD230-9TO Datasheet HTML 2Page - Sensortechnics GmbH AD230-9TO Datasheet HTML 3Page - Sensortechnics GmbH AD230-9TO Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD230-9 TO
Part Description AD230-9 TO
Order # 500020; 500023; 501265
Order # 500020; 500023; 501265
Version 17-06-13
Version 17-06-13
Order number 500020, Package: TO52S1
Order number 500023, Package: TO52S3
Order # 501265, Package: TO52S1F2
Package dimension:
Small quantities: Foam pad, boxed (12 cm x 16.5 cm)
Disclaimer:
Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.
European, International Sales:
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
USA:
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
T +1 818 706 3400
F +1 818 889 7053
Germany
T +49 30 6399 2399
F +49 30 639923-752



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com