Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS3MDLTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # LIS3MDLTR
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDLTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LIS3MDLTR Datasheet HTML 10Page - STMicroelectronics LIS3MDLTR Datasheet HTML 11Page - STMicroelectronics LIS3MDLTR Datasheet HTML 12Page - STMicroelectronics LIS3MDLTR Datasheet HTML 13Page - STMicroelectronics LIS3MDLTR Datasheet HTML 14Page - STMicroelectronics LIS3MDLTR Datasheet HTML 15Page - STMicroelectronics LIS3MDLTR Datasheet HTML 16Page - STMicroelectronics LIS3MDLTR Datasheet HTML 17Page - STMicroelectronics LIS3MDLTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Application hints
LIS3MDL
14/33
DocID024204 Rev 4
4
Application hints
Figure 5. LIS3MDL electrical connections
4.1
External capacitors
The LIS3MDL requires one external capacitor (C1 = 100 nF) connected between pin 4 and
GND.
The device core power supply line (Vdd) needs one high-frequency decoupling capacitor
(C3 = 100 nF, ceramic) as near as possible to the supply pin, and a low-frequency
electrolytic capacitor (C2 = 1 μF). All the voltage and ground supplies must be present at the
same time to have proper behavior of the IC (refer to Figure 5).
The functionality of the device and the measured magnetic field data is selectable and
accessible through the I2C / SPI interfaces.
The functions, the threshold and the timing of the interrupt pin (INT) can be completely
programmed by the user through the I2C / SPI interfaces.
When I2C or 3-wire SPI is used, the SDO/SA1 pin must be connected to Vdd_IO or GND.
4.2
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Land pattern and soldering recommendations are available at www.st.com.
Vdd
C 3 =100 nF
GND
C 2 =1 µF
4
1
55
77
11
12
Vdd_IO
CS
C 1 =100 nF
(TOP VIEW)
10
SDO/SA1
DRDY
8
INT
6
9
2
3
TOP VIEW
DIRECTION OF
DETECTABLE
MAGNETIC FIELDS
X
Z
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com