Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS3MDLTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # LIS3MDLTR
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDLTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LIS3MDLTR Datasheet HTML 23Page - STMicroelectronics LIS3MDLTR Datasheet HTML 24Page - STMicroelectronics LIS3MDLTR Datasheet HTML 25Page - STMicroelectronics LIS3MDLTR Datasheet HTML 26Page - STMicroelectronics LIS3MDLTR Datasheet HTML 27Page - STMicroelectronics LIS3MDLTR Datasheet HTML 28Page - STMicroelectronics LIS3MDLTR Datasheet HTML 29Page - STMicroelectronics LIS3MDLTR Datasheet HTML 30Page - STMicroelectronics LIS3MDLTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
DocID024204 Rev 4
27/33
LIS3MDL
Registers description
7.6
CTRL_REG5 (24h)
7.7
STATUS_REG (27h)
Table 31. Z-axis operating mode selection
OMZ1
OMZ0
Operating mode for Z-axis
0
0
Low-power mode
0
1
Medium-performance mode
1
0
High-performance mode
1
1
Ultra-high-performance mode
Table 32. CTRL_REG5 register
FAST_READ
BDU
0(1)
1. These bits must be set to ‘0’ for correct functioning of the device
0(1)
0(1)
0(1)
0(1)
0(1)
Table 33. CTRL_REG5 description
FAST_READ
FAST READ allows reading the high part of DATA OUT only in order to increase
reading efficiency. Default value: 0
(0: FAST_READ disabled; 1: FAST_READ enabled)
BDU
Block data update for magnetic data. Default value: 0
(0: continuous update;
1: output registers not updated until MSb and LSb have been read)
Table 34. STATUS_REG register
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Table 35. STATUS_REG description
ZYXOR
X-, Y- and Z-axis data overrun. Default value: 0
(0: no overrun has occurred;
1: a new set of data has overwritten the previous set)
ZOR
Z-axis data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for the Z-axis has overwritten the previous data)
YOR
Y-axis data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for the Y-axis has overwritten the previous data)
XOR
X-axis data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for the X-axis has overwritten the previous data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com