Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011G3 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32L011G3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011G3 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32L011G3 Datasheet HTML 49Page - STMicroelectronics STM32L011G3 Datasheet HTML 50Page - STMicroelectronics STM32L011G3 Datasheet HTML 51Page - STMicroelectronics STM32L011G3 Datasheet HTML 52Page - STMicroelectronics STM32L011G3 Datasheet HTML 53Page - STMicroelectronics STM32L011G3 Datasheet HTML 54Page - STMicroelectronics STM32L011G3 Datasheet HTML 55Page - STMicroelectronics STM32L011G3 Datasheet HTML 56Page - STMicroelectronics STM32L011G3 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 115 page
background image
Electrical characteristics
STM32L011x3/4
53/115
DocID027973 Rev 4
Table 22. Current consumption in Run mode, code with data processing running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD
(Run
from
Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range 3, VCORE=1.2 V
VOS[1:0]=11
1 MHz
140
180
µA
2 MHz
245
290
4MHz
460
540
Range 2, VCORE=1.5 V,
VOS[1:0]=10,
4 MHz
0.56
0.65
mA
8 MHz
1.1
1.3
16 MHz
2.1
2.4
Range 1, VCORE=1.8 V,
VOS[1:0]=01
8 MHz
1.3
1.6
16 MHz
2.6
3
32 MHz
5.3
6.5
MSI clock
Range 3, VCORE=1.2 V,
VOS[1:0]=11
65 kHz
34.5
54
µA
524 kHz
86
120
4.2 MHz
505
560
HSI clock
Range 2, VCORE=1.5 V,
VOS[1:0]=10,
16 MHz
2.2
2.6
mA
Range 1, VCORE=1.8 V,
VOS[1:0]=01
32 MHz
5.4
5.9
1. Guaranteed by characterization results at 125 °C, not tested in production, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 23. Current consumption in Run mode vs code type,
code with data processing running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
IDD
(Run
from
Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(1)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
Dhrystone
4 MHz
460
µA
CoreMark
440
Fibonacci
330
while(1)
305
while(1), prefetch
OFF
320
Range 1,
VOS[1:0]=01,
VCORE=1.8 V
Dhrystone
32 MHz
5.4
mA
CoreMark
4.9
Fibonacci
5
while(1)
4.35
while(1), prefetch
OFF
3.7
1. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com