Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011G3 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32L011G3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011G3 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32L011G3 Datasheet HTML 55Page - STMicroelectronics STM32L011G3 Datasheet HTML 56Page - STMicroelectronics STM32L011G3 Datasheet HTML 57Page - STMicroelectronics STM32L011G3 Datasheet HTML 58Page - STMicroelectronics STM32L011G3 Datasheet HTML 59Page - STMicroelectronics STM32L011G3 Datasheet HTML 60Page - STMicroelectronics STM32L011G3 Datasheet HTML 61Page - STMicroelectronics STM32L011G3 Datasheet HTML 62Page - STMicroelectronics STM32L011G3 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 115 page
background image
Electrical characteristics
STM32L011x3/4
59/115
DocID027973 Rev 4
Figure 18. IDD vs VDD, at TA= -40/25/55/ 85/105/125 °C, Stop mode with RTC enabled
and running on LSE Low drive
Figure 19. IDD vs VDD, at TA= -40/25/55/85/105/125 °C, Stop mode with RTC disabled,
all clocks OFF
Table 29. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ
Max(1)
1. Guaranteed by characterization results at 125 °C, not tested in production, unless otherwise specified.
Unit
IDD (Stop) Supply current in Stop mode
TA = -40°C to 25°C
0.34
0.99
µA
TA = 55°C
0.43
1.9
TA= 85°C
0.94
4.2
TA = 105°C
2.0
9
TA = 125°C
4.9
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com