Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011G3 Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32L011G3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011G3 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32L011G3 Datasheet HTML 107Page - STMicroelectronics STM32L011G3 Datasheet HTML 108Page - STMicroelectronics STM32L011G3 Datasheet HTML 109Page - STMicroelectronics STM32L011G3 Datasheet HTML 110Page - STMicroelectronics STM32L011G3 Datasheet HTML 111Page - STMicroelectronics STM32L011G3 Datasheet HTML 112Page - STMicroelectronics STM32L011G3 Datasheet HTML 113Page - STMicroelectronics STM32L011G3 Datasheet HTML 114Page - STMicroelectronics STM32L011G3 Datasheet HTML 115Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 113 / 115 page
background image
Revision history
STM32L011x3/4
113/115
DocID027973 Rev 4
9
Revision history
Table 78. Document revision history
Date
Revision
Changes
07-Dec-2015
1
Initial release.
11-Feb-2016
2
Features: modified current consumption in run mode,
Cortex®-M0+ core frequency range and total number of timers.
Updated ADC conversion consumption on cover page.
Updated UFQFPN28 pinout: Figure 6: STM32L011x3/4
UFQFPN28 pinout and Table 13: Pin definitions.
Updated Table 55: RAIN max for fADC = 16 MHz.
Modified TS_CAL2 description in Table 57: Temperature
sensor calibration values.
18-Mar-2016
3
Changed minimum comparator supply voltage to 1.65 V
on cover page.
Added baudrate allowing to wake up the MCU from Stop
mode in Section 3.15.3: Low-power universal
asynchronous receiver transmitter (LPUART).
Added number of fast and standard channels in
Section 3.10: Analog-to-digital converter (ADC).
Updated Table 16: Current characteristics to add the
total output current for STM32L011GxUx.
Changed VDDA minimum value to 1.65 V.in Table 18:
General operating conditions.
Updated Table 26: Current consumption in Sleep mode,
Table 27: Current consumption in Low-power Run
mode, Table 28: Current consumption in Low-power
Sleep mode and Table 30: Typical and maximum current
consumptions in Standby mode.
Section 6.3.15: 12-bit ADC characteristics:
– Table 54: ADC characteristics:
Distinction made between VDDA for fast and standard
channels; added note 1.
Updated condition for fTRIG measurement.
Added note 4. related to RADC and removed
measurement condition.
Updated tS and tCONV.
– Updated equation 1 description.
– Updated Table 55: RAIN max for fADC = 16 MHz for
fADC = 16 MHz and distinction made between fast and
standard channels.
– Updated measurement condition in Table 56: ADC
accuracy.
Added Table 64: USART/LPUART characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com