Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L052R6 Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32L052R6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052R6 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32L052R6 Datasheet HTML 127Page - STMicroelectronics STM32L052R6 Datasheet HTML 128Page - STMicroelectronics STM32L052R6 Datasheet HTML 129Page - STMicroelectronics STM32L052R6 Datasheet HTML 130Page - STMicroelectronics STM32L052R6 Datasheet HTML 131Page - STMicroelectronics STM32L052R6 Datasheet HTML 132Page - STMicroelectronics STM32L052R6 Datasheet HTML 133Page - STMicroelectronics STM32L052R6 Datasheet HTML 134Page - STMicroelectronics STM32L052R6 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 136 page
background image
DocID025936 Rev 6
131/136
STM32L052x6 STM32L052x8
135
9
Revision history
Table 91. Document revision history
Date
Revision
Changes
27-Feb-2014
1
Initial release.
29-Apr-2014
2
Added WLCSP36 package.
Updated Table 2: Ultra-low-power STM32L052x6/x8 device features
and peripheral counts
Updated Figure 4: STM32L052x6/8 TFBGA64 ballout - 5x 5 mm.
Updated Table 5: Functionalities depending on the working mode (from
Run/active down to standby). Added Section 3.2: Interconnect matrix.
Replaced TTa I/O structure by TC, updated PA0/4/5, PC5/14, BOOT0
and NRST I/O structure, and added note 3. in Table 16:
STM32L052x6/8 pin definitions.
Updated Table 25: General operating conditions, Table 22: Voltage
characteristics and Table 23: Current characteristics.
Modified conditions in Table 28: Embedded internal reference voltage.
Updated Table 29: Current consumption in Run mode, code with data
processing running from Flash, Table 31: Current consumption in Run
mode, code with data processing running from RAM, Table 33: Current
consumption in Sleep mode, Table 34: Current consumption in Low-
power run mode, Table 35: Current consumption in Low-power sleep
mode, and Table 36: Typical and maximum current consumptions in
Stop modeTable 37: Typical and maximum current consumptions in
Standby mode. Added Figure 14: IDD vs VDD, at TA= 25/55/85/105 °C,
Run mode, code running from Flash memory, Range 2, HSE, 1WS,
Figure 15: IDD vs VDD, at TA= 25/55/85/105 °C, Run mode, code
running from Flash memory, Range 2, HSI16, 1WS, Figure 16: IDD vs
VDD, at TA= 25/55/ 85/105/125 °C, Low-power run mode, code running
from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS, Figure 17: IDD
vs VDD, at TA= 25/55/ 85/105/125 °C, Stop mode with RTC enabled
and running on LSE Low drive and Figure 18: IDD vs VDD, at TA=
25/55/85/105/125 °C, Stop mode with RTC disabled, all clocks off.
Updated Table 44: HSE oscillator characteristics and Table 45: LSE
oscillator characteristics. Added Figure 23: HSI16 minimum and
maximum value versus temperature.
Updated Table 56: ESD absolute maximum ratings, Table 58: I/O
current injection susceptibility and Table 59: I/O static characteristics,
and added Figure 24: VIH/VIL versus VDD (CMOS I/Os) and Figure 25:
VIH/VIL versus VDD (TTL I/Os). Updated Table 60: Output voltage
characteristics, Table 61: I/O AC characteristics, and Figure 26: I/O AC
characteristics definition.
Updated Table 63: ADC characteristics, Table 65: ADC accuracy, and
Figure 29: Typical connection diagram using the ADC. Updated
Table 68: Temperature sensor characteristics.
Updated Table 74: SPI characteristics in voltage Range 1 and Table 77:
I2S characteristics.
Added Figure 56: Thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com