Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L052R6 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32L052R6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052R6 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32L052R6 Datasheet HTML 128Page - STMicroelectronics STM32L052R6 Datasheet HTML 129Page - STMicroelectronics STM32L052R6 Datasheet HTML 130Page - STMicroelectronics STM32L052R6 Datasheet HTML 131Page - STMicroelectronics STM32L052R6 Datasheet HTML 132Page - STMicroelectronics STM32L052R6 Datasheet HTML 133Page - STMicroelectronics STM32L052R6 Datasheet HTML 134Page - STMicroelectronics STM32L052R6 Datasheet HTML 135Page - STMicroelectronics STM32L052R6 Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 135 / 136 page
background image
DocID025936 Rev 6
135/136
STM32L052x6 STM32L052x8
135
22-Mar-2016
6
Updated number of SPIs on cover page and in Table 2: Ultra-low-
power STM32L052x6/x8 device features and peripheral counts.
Changed minimum comparator supply voltage to 1.65 V on cover page.
Added number of fast and standard channels in Section 3.11: Analog-
to-digital converter (ADC).
Updated Section 3.18.2: Universal synchronous/asynchronous receiver
transmitter (USART) and Section 3.18.4: Serial peripheral interface
(SPI)/Inter-integrated sound (I2S) to mention the fact that USARTs with
synchronous mode feature can be used as SPI master interfaces.
Added baudrate allowing to wake up the MCU from Stop mode in
Section 3.18.2: Universal synchronous/asynchronous receiver
transmitter (USART) and Section 3.18.3: Low-power universal
asynchronous receiver transmitter (LPUART).
In Section 6: Electrical characteristics, updated notes related to values
guaranteed by characterization.
Updated Table 58: I/O current injection susceptibility.
Updated Figure 6: STM32L052x6/8 WLCSP36 ballout, Figure 8:
STM32L052x6/8 UFQFPN32 pinout removing grey PA11, PA12 pins
and removing note 2.
Updated Table 55: EMI characteristics.
Changed temperature condition in Table 8: Internal voltage reference
measured values and Table 27: Embedded internal reference voltage
calibration values.
Section 6.3.15: 12-bit ADC characteristics:
– Table 63: ADC characteristics:
Distinction made between VDDA for fast and standard channels;
added note 1.
Added note 4. related to RADC.
Updated fTRIG..
Updated tS and tCONV.
– Updated equation 1 description.
– Updated Table 64: RAIN max for fADC = 16 MHz for fADC = 16 MHz
and distinction made between fast and standard channels.
Updated RO and added Note 2. in Table 66: DAC characteristics.
Added Table 73: USART/LPUART characteristics.
Updated Figure 47: LQFP48 marking example (package top view).
Table 91. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com