Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 38Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 39Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 40Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 41Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 42Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 43Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 44Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 45Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 162 page
background image
Functional Overview
42
April 2001 − Revised December 2004
SPRS174L
Table 3−7. Peripheral Frame 2 Registers†
NAME
ADDRESS RANGE
SIZE (x16)
ACCESS TYPE
reserved
0x00 7000
0x00 700F
16
System Control Registers
0x00 7010
0x00 702F
32
EALLOW Protected
reserved
0x00 7030
0x00 703F
16
SPI-A Registers
0x00 7040
0x00 704F
16
Not EALLOW Protected
SCI-A Registers
0x00 7050
0x00 705F
16
Not EALLOW Protected
reserved
0x00 7060
0x00 706F
16
External Interrupt Registers
0x00 7070
0x00 707F
16
Not EALLOW Protected
reserved
0x00 7080
0x00 70BF
64
GPIO Mux Registers
0x00 70C0
0x00 70DF
32
EALLOW Protected
GPIO Data Registers
0x00 70E0
0x00 70FF
32
Not EALLOW Protected
ADC Registers
0x00 7100
0x00 711F
32
Not EALLOW Protected
reserved
0x00 7120
0x00 73FF
736
EV-A Registers
0x00 7400
0x00 743F
64
Not EALLOW Protected
reserved
0x00 7440
0x00 74FF
192
EV-B Registers
0x00 7500
0x00 753F
64
Not EALLOW Protected
reserved
0x00 7540
0x00 774F
528
SCI-B Registers
0x00 7750
0x00 775F
16
Not EALLOW Protected
reserved
0x00 7760
0x00 77FF
160
McBSP Registers
0x00 7800
0x00 783F
64
Not EALLOW Protected
reserved
0x00 7840
0x00 7FFF
1984
† Peripheral Frame 2 only allows 16-bit accesses. All 32-bit accesses are ignored (invalid data may be returned or written).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com