Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 88Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 89Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 90Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 91Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 92Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 93Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 94Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 95Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 162 page
background image
Electrical Specifications
92
April 2001 − Revised December 2004
SPRS174L
6.3
Electrical Characteristics Over Recommended Operating Conditions
(Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = IOHMAX
2.4
V
VOH
High-level output voltage
IOH = 50 µA
VDDIO − 0.2
V
VOL
Low-level output voltage
IOL = IOLMAX
0.4
V
VOL
Low-level output voltage
IOL = IOLMAX
0.4
V
Input
With pullup
VDDIO = 3.3 V, VIN = 0 V
−80
−140
−190
IIL†
Input
current
With pullup
VDDIO = 3.3 V, VIN = 0 V
−80
−140
−190
A
IIL†
current
(low level)
With pulldown
VDDIO = 3.3 V, VIN = 0 V
±2
µA
IIL‡
Input
current
With pullup
VDDIO = 3.3 V,
VIN = 0 V
All I/Os§ (including XRS)
except EVB
−80
−140
−190
A
IIL‡
Input
current
(low level)
With pullup
DDIO
VIN = 0 V
GPIOB/EVB
−13
−25
−35
µA
(low level)
With pulldown
VDDIO = 3.3 V, VIN = 0 V
±2
Input
current
With pullup
VDDIO = 3.3 V, VIN = VDD
±2
IIH
Input
current
(high level)
With pulldown¶
VDDIO = 3.3 V,
28
50
80
µA
IIH
current
(high level)
With pulldown¶
VDDIO = 3.3 V,
VIN = VDD
28
50
80
µA
IOZ
Output current,
high-impedance state
(off-state)
VO = VDDIO or 0 V
±2
µA
Ci
Input capacitance
2
pF
Co
Output capacitance
3
pF
† Applicable to C281x devices
‡ Applicable to F281x devices
§ The following pins have no internal PU/PD: GPIOE0, GPIOE1, GPIOF0, GPIOF1, GPIOF2, GPIOF3, GPIOF12, GPIOG4, and GPIOG5.
¶ The following pins have an internal pulldown: XMP/MC, TESTSEL, and TRST.
6.4
Current Consumption by Power-Supply Pins Over Recommended Operating Conditions
During Low-Power Modes at 150-MHz SYSCLKOUT (TMS320F281x)
MODE
TEST CONDITIONS
IDD
IDDIO
IDD3VFL
IDDA†
MODE
TEST CONDITIONS
TYP
MAX‡
TYP
MAX‡
TYP
MAX‡
TYP
MAX‡
Operational
All peripheral clocks are enabled. All
PWM pins are toggled at 100 kHz.
Data is continuously transmitted out of
the SCIA, SCIB, and CAN ports. The
hardware multiplier is exercised.
Code is running out of flash with 5
wait-states.
195 mA
230 mA
15 mA
30 mA
40 mA
45 mA
40 mA
50 mA
IDLE
− Flash is powered down
− XCLKOUT is turned off
− All peripheral clocks are on,
except ADC
125 mA
150 mA
5 mA
10 mA
2
µA
4
µA
1
µA
20
µA
STANDBY
− Flash is powered down
− Peripheral clocks are turned off
− Pins without an internal PU/PD
are tied high/low
5 mA
10 mA
5
µA
20
µA
2
µA
4
µA
1
µA
20
µA
HALT
− Flash is powered down
− Peripheral clocks are turned off
− Pins without an internal PU/PD
are tied high/low
− Input clock is disabled
70
µA
5
µA
20
µA
2
µA
4
µA
1
µA
20
µA
† IDDA includes current into VDDA1, VDDA2, VDD1, AVDDREFBG, and VDDAIO pins.
‡ MAX numbers are at 125°C, and MAX voltage (VDD = 2.0 V; VDDIO, VDD3VFL, VDDA = 3.6 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com