Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3B6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8S903K3B6
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3B6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8S903K3B6 Datasheet HTML 1Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 2Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 3Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 4Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 5Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 6Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 7Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 8Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 121 page
background image
This is information on a product in full production.
March 2015
DocID15590 Rev 10
1/121
STM8S903K3 STM8S903F3
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM,
640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C
Datasheet
- production data
Features
Core
 16 MHz advanced STM8 core with Harvard
architecture and 3-stage pipeline
 Extended instruction set
Memories
 Program memory: 8 Kbytes Flash; data
retention 20 years at 55 °C after 10 kcycles
 Data memory: 640 bytes true data EEPROM;
endurance 300 kcycles
 RAM: 1 Kbytes
Clock, reset and supply management
 2.95 to 5.5 V operating voltage
 Flexible clock control, 4 master clock sources
– Low power crystal resonator oscillator
– External clock input
– Internal, user-trimmable 16 MHz RC
– Internal low-power 128 kHz RC
 Clock security system with clock monitor
 Power management:
– Low-power modes (wait, active-halt, halt)
– Switch-off peripheral clocks individually
 Permanently active, low consumption power-
on and power-down reset
Interrupt management
 Nested interrupt controller with 32 interrupts
 Up to 28 external interrupts on 7 vectors
Timers
 Advanced control timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-time
insertion and flexible synchronization
 16-bit general purpose timer, with 3 CAPCOM
channels (IC, OC or PWM)
 8-bit basic timer with 8-bit prescaler
 Auto wake-up timer
 Window watchdog and independent watchdog
timers
Communication interfaces
 UART with clock output for synchronous
operation, SmartCard, IrDA, LIN master mode
 SPI interface up to 8 Mbit/s
 I2C interface up to 400 kbit/s
Analog to digital converter (ADC)
 10-bit, ±1 LSB ADC with up to 7 multiplexed
channels + 1 internal channel, scan mode and
analog watchdog
I/Os
 Up to 28 I/Os on a 32-pin package including 21
high sink outputs
 Highly robust I/O design, immune against
current injection
Unique ID
 96-bit unique key for each device
www.st.com


Similar Part No. - STM8S903K3B6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S903K3B6 STMICROELECTRONICS-STM8S903K3B6 Datasheet
1Mb / 124P
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C
May 2017
More results

Similar Description - STM8S903K3B6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S103F3P3 STMICROELECTRONICS-STM8S103F3P3 Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
09-Sep-2010
STM8S903K3T6C STMICROELECTRONICS-STM8S903K3T6C Datasheet
1,017Kb / 116P
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I짼C
13-Jun-2012
STM8S103K3T6C STMICROELECTRONICS-STM8S103K3T6C Datasheet
1Mb / 117P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
26-Jun-2012
STM8S003F3P6TR STMICROELECTRONICS-STM8S003F3P6TR Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI
12-Jun-2012
STM8S003F3U6TR STMICROELECTRONICS-STM8S003F3U6TR Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
12-Jun-2012
STM8S005K6 STMICROELECTRONICS-STM8S005K6 Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
13-Jun-2012
STM8S103F3P6TR STMICROELECTRONICS-STM8S103F3P6TR Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
09-Sep-2010
STM8S103F2 STMICROELECTRONICS-STM8S103F2 Datasheet
1Mb / 121P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
February 2017
STM8S903K3 STMICROELECTRONICS-STM8S903K3_V01 Datasheet
1Mb / 124P
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C
May 2017
CR8F612X STMICROELECTRONICS-CR8F612X Datasheet
1Mb / 89P
16 MHz CR8F 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM,640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C
30-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com