Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3B6 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM8S903K3B6
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3B6 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM8S903K3B6 Datasheet HTML 35Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 36Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 37Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 38Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 39Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 40Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 41Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 42Page - STMicroelectronics STM8S903K3B6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
DocID15590 Rev 10
39/121
STM8S903K3 STM8S903F3
Memory and register map
50
0x00 5340
TIM6
TIM6_CR1
TIM6 control register 1
0x00
0x00 5341
TIM6_CR2
TIM6 control register 2
0x00
0x00 5342
TIM6_SMCR
TIM6 slave mode control
register
0x00
0x00 5343
TIM6_IER
TIM6 interrupt enable register 0x00
0x00 5344
TIM6_SR
TIM6 status register
0x00
0x00 5345
TIM6_EGR
TIM6 event generation
register
0x00
0x00 5346
TIM6_CNTR
TIM6 counter
0x00
0x00 5347
TIM6_PSCR
TIM6 prescaler register
0x00
0x00 5348
TIM6_ARR
TIM6 auto-reload register
0xFF
0x00 5349 to 0x00 53DF
Reserved area (153 bytes)
0x00 53E0 to 0x00 53F3
ADC1
ADC_DBxR
ADC data buffer registers
0x00
0x00 53F4 to 0x00 53FF
Reserved area (12 bytes)
Table 8. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com