Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSX7192IYST Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSX7192IYST
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192IYST Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSX7192IYST Datasheet HTML 8Page - STMicroelectronics TSX7192IYST Datasheet HTML 9Page - STMicroelectronics TSX7192IYST Datasheet HTML 10Page - STMicroelectronics TSX7192IYST Datasheet HTML 11Page - STMicroelectronics TSX7192IYST Datasheet HTML 12Page - STMicroelectronics TSX7192IYST Datasheet HTML 13Page - STMicroelectronics TSX7192IYST Datasheet HTML 14Page - STMicroelectronics TSX7192IYST Datasheet HTML 15Page - STMicroelectronics TSX7192IYST Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Electrical characteristics
TSX7192
12/25
DocID027196 Rev 1
Figure 14: Output voltage vs. input voltage close to the
rail at VCC = 16 V
Figure 15: Slew rate vs.
supply voltage
Figure 16: Negative slew rate at VCC = 16 V
Figure 17: Positive slew rate at VCC = 16 V
Figure 18: Response to a small input
voltage step
Figure 19: Recovery behavior after a negative step on
the input
0.00
0.00
0.05
0.05
0.10
0.10
0.15
0.15
0.20
0.20
15.75
15.75
15.80
15.80
15.85
15.85
15.90
15.90
15.95
15.95
16.00
16.00
Vcc=16V
Gain=10
Input voltage (V)
4
4
6
6
8
8
10
10
12
12
14
14
16
16
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
T=-40°C
Vicm=Vcc/2
Vload=Vcc/2
Gain=10
Rl=10k
Cl=100pF
T=125°C
T=25°C
Supply Voltage (V)
Ω
0
2
4
6
8
-10
-10
-8
-8
-6
-6
-4
-4
-2
-2
0
0
2
2
4
4
6
6
8
8
10
10
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Vcc=16V
Vicm=Vcc/2
Gain=11
Rl=10k
Cl=100pF
T=25°C
T=125°C
T=-40°C
Time (µs)
Ω
0
2
4
6
8
-10
-10
-8
-8
-6
-6
-4
-4
-2
-2
0
0
2
2
4
4
6
6
8
8
10
10
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Vcc=16V
Vicm=Vcc/2
Gain=11
Rl=10k
Cl=100pF
T=25°C
T=125°C
T=-40°C
Time (µs)
Ω
0
2
4
6
8
10
12
-10
-10
-5
-5
0
0
5
5
10
10
-100
-50
0
50
100
Vcc=16V
Vicm=8V
Rl=10k
Cl=100pF
Gain=10
T=25°C
Time (µs)
Ω
-10
0
10
20
30
40
-2
-2
0
0
2
2
4
4
6
6
8
8
10
10
-0.04
0.00
0.04
0.08
0.12
0.16
0.20
Vcc=±1.35V
Vcc=±8V
Vin
Gain=101
Rl=10k
Cl=100pF
T=25°C
Time (µs)
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com