Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSX7192IYST Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSX7192IYST
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192IYST Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSX7192IYST Datasheet HTML 13Page - STMicroelectronics TSX7192IYST Datasheet HTML 14Page - STMicroelectronics TSX7192IYST Datasheet HTML 15Page - STMicroelectronics TSX7192IYST Datasheet HTML 16Page - STMicroelectronics TSX7192IYST Datasheet HTML 17Page - STMicroelectronics TSX7192IYST Datasheet HTML 18Page - STMicroelectronics TSX7192IYST Datasheet HTML 19Page - STMicroelectronics TSX7192IYST Datasheet HTML 20Page - STMicroelectronics TSX7192IYST Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TSX7192
Application information
DocID027196 Rev 1
17/25
k is the Boltzmann constant (8.6173 x 10
-5 eV.K-1)
TU is the temperature of the die when VU is used (K)
TS is the temperature of the die under temperature stress (K)
The final acceleration factor, AF, is the multiplication of the voltage acceleration factor and
the temperature acceleration factor (Equation 4).
Equation 4
AF is calculated using the temperature and voltage defined in the mission profile of the
product. The AF value can then be used in Equation 5 to calculate the number of months of
use equivalent to 1000 hours of reliable stress duration.
Equation 5
To evaluate the op amp reliability, a follower stress condition is used where VCC is defined
as a function of the maximum operating voltage and the absolute maximum rating
(as recommended by JEDEC rules).
The Vio drift (in µV) of the product after 1000 h of stress is tracked with parameters at
different measurement conditions (see Equation 6).
Equation 6
The long term drift parameter (ΔV
io), estimating the reliability performance of the product, is
obtained using the ratio of the Vio (input offset voltage value) drift over the square root of
the calculated number of months (Equation 7).
Equation 7
Where Vio drift is the measured drift value in the specified test conditions after 1000 h
stress duration.
4.7
High values of input differential voltage
In a closed loop configuration, which represents the typical use of an op amp, the input
differential voltage is low (close to Vio). However, some specific conditions can lead to
higher input differential values, such as:
•
operation in an output saturation state
•
operation at speeds higher than the device bandwidth, with output voltage dynamics
limited by slew rate.
•
use of the amplifier in a comparator configuration, hence in open loop
Use of the TSX7191 in comparator configuration, especially combined with high
temperature and long duration can create a permanent drift of Vio.
A
F
A
FT
A
FV
×
=
Months
A
F
1000 h
×
12 months
24 h
365.25 days
×
(
)
×
=
/
V
CC
maxV
op with Vicm
V
CC
2
=
=
/
∆V
io
V
iodr ift
month s
(
)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com