Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1900 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1900
Description  Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1900 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1900 Datasheet HTML 3Page - STMicroelectronics UM1900 Datasheet HTML 4Page - STMicroelectronics UM1900 Datasheet HTML 5Page - STMicroelectronics UM1900 Datasheet HTML 6Page - STMicroelectronics UM1900 Datasheet HTML 7Page - STMicroelectronics UM1900 Datasheet HTML 8Page - STMicroelectronics UM1900 Datasheet HTML 9Page - STMicroelectronics UM1900 Datasheet HTML 10Page - STMicroelectronics UM1900 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
UM1900
Hardware description
DocID027905 Rev 3
7/19
3
Hardware description
The board allows the user to test the function of the STMicroelectronics MEMS
microphones. For this purpose two MP34DT01-M digital MEMS microphone are mounted
on the board and 6 headers (4 mounted with 2 additional footprints) are available for
connecting additional microphones using digital microphone coupon boards (STEVAL-
MKI129Vx or STEVAL-MKI155Vx), for further information refer to www.st.com. The
connection between the X-NUCLEO-CCA02M1 and the STEVAL-MKI155V1 is shown in
Figure 3: "Connection with STEVAL-MKI155V1". The board interfaces with the STM32
Nucleo microcontrollers via the I²S, SPI or DFSDM peripherals for the synchronized
acquisition of up to 4 microphones. The board also provides USB streaming using the
STM32 Nucleo microcontroller USB peripheral; for this purpose, a USB connector is
available as well as the footprint to mount a dedicated oscillator that can be used to feed
the host MCU through the OSC_IN pin. Solder bridges are used in order to choose from
different options, depending on the number of microphones and the MCU peripherals
involved.
Figure 3: Connection with STEVAL-MKI155V1
3.1
Nucleo 144 support
In order to accept Nucleo-144 boards, morpho header connectors must be soldered on the
relevant footprint available on the Nucleo.
A pair of 2 x 38 pin stripline is enough to plug the expansion board, so it is not
necessary to solder the whole 2 x 80 pin header.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com