Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1900 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1900
Description  Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1900 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1900 Datasheet HTML 8Page - STMicroelectronics UM1900 Datasheet HTML 9Page - STMicroelectronics UM1900 Datasheet HTML 10Page - STMicroelectronics UM1900 Datasheet HTML 11Page - STMicroelectronics UM1900 Datasheet HTML 12Page - STMicroelectronics UM1900 Datasheet HTML 13Page - STMicroelectronics UM1900 Datasheet HTML 14Page - STMicroelectronics UM1900 Datasheet HTML 15Page - STMicroelectronics UM1900 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Hardware description
UM1900
12/19
DocID027905 Rev 3
SB
Status
SB16
Open
SB17
Open
SB18
Open
SB19
Open
SB20
Open
SB21
Open
In addition, J2 must be placed in position 1-2 for on-board microphone acquisition or 2-3
when using an external microphone, while J3 must be left open. If using external
microphones, do not plug anything in M2_EXT header.
2 microphone acquisition
In this case, the I²S peripheral is used to generate twice the frequency needed by the
microphones. In this scenario, the clock is then halved by the timer and routed to the
microphones to give them the right clock. I²S therefore reads values from both edges of the
merged PDM lines. For this use case you need the following SB configuration:
Table 5: Solder bridge configuration for 2 microphone acquisition
SB
Status
SB7
Close
SB8
Open
SB9
Open /Close
SB10
Open
SB11
Close
SB12
Open
SB13
Close
SB14
Open
SB15
Close
SB16
Open
SB17
Open
SB18
Open
SB19
Open
SB20
Open
SB21
Open
In addition, J2 must be placed in position 1-2 for on-board microphone acquisition or 2-3
when using external microphones, while J3 must be left open. When acquiring on-board
microphones, close SB9 to acquire both of them.
4 external microphone acquisition
In this case, the I²S peripheral is used to generate a clock frequency that is twice the
frequency needed by the microphones, and SPI is configured in slave mode in order to use
such timing. As in the previous case, the clock is then halved by the timer and routed to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com