Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F437IG Datasheet(PDF) 234 Page - STMicroelectronics

Part # STM32F437IG
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, crypto, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera&LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F437IG Datasheet(HTML) 234 Page - STMicroelectronics

Back Button STM32F437IG Datasheet HTML 230Page - STMicroelectronics STM32F437IG Datasheet HTML 231Page - STMicroelectronics STM32F437IG Datasheet HTML 232Page - STMicroelectronics STM32F437IG Datasheet HTML 233Page - STMicroelectronics STM32F437IG Datasheet HTML 234Page - STMicroelectronics STM32F437IG Datasheet HTML 235Page - STMicroelectronics STM32F437IG Datasheet HTML 236Page - STMicroelectronics STM32F437IG Datasheet HTML 237Page - STMicroelectronics STM32F437IG Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 240 page
background image
Revision history
STM32F437xx and STM32F439xx
234/240
DocID024244 Rev 10
9
Revision history
Table 124. Document revision history
Date
Revision
Changes
12-Aug-2013
1
Initial release.
10-Sep-2013
2
Added STM32F439xx part numbers and related informations.
STM32F437xx part numbers:
Replaced FSMC by FMC added Chrom-ART Accelerator and SAI
interface.
Increased core, timer, GPIOs, SPI maximum frequencies
Updated Figure 4: STM32F437xx and STM32F439xx block diagram.
Updated Figure 5: STM32F437xx and STM32F439xx Multi-AHB
matrix.
Removed note in Section ·: Standby mode.
Updated Figure 14: STM32F43x LQFP176 pinout.
Updated Table 10: STM32F437xx and STM32F439xx pin and ball
definitions and Table 12: STM32F437xx and STM32F439xx alternate
function mapping..
Modified Figure 19: Memory map.
Updated Table 17: General operating conditions, Table 18: Limitations
depending on the operating power supply range. Removed note 1 in
Table 22: reset and power control block characteristics. Added
Table 23: Over-drive switching characteristics.
Updated Section : Typical and maximum current consumption,
Table 34: Switching output I/O current consumption, Table 35:
Peripheral current consumption and Section : On-chip peripheral
current consumption.
Updated Table 36: Low-power mode wakeup timings.
Modified Section : High-speed external user clock generated from an
external source, Section : Low-speed external user clock generated
from an external source, and Section 6.3.10: Internal clock source
characteristics.
Updated Table 43: Main PLL characteristics and Table 45: PLLISAI
(audio and LCD-TFT PLL) characteristics.
Updated Table 52: EMI characteristics.
Updated Table 57: Output voltage characteristics and Table 58: I/O AC
characteristics.
Updated Table 60: TIMx characteristics, Table 61: I2C characteristics,
Table 62: SPI dynamic characteristics, Section : SAI characteristics.
Updated Table 102: SDRAM read timings and Table 104: SDRAM write
timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com