Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F437IG Datasheet(PDF) 235 Page - STMicroelectronics

Part # STM32F437IG
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, crypto, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera&LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F437IG Datasheet(HTML) 235 Page - STMicroelectronics

Back Button STM32F437IG Datasheet HTML 231Page - STMicroelectronics STM32F437IG Datasheet HTML 232Page - STMicroelectronics STM32F437IG Datasheet HTML 233Page - STMicroelectronics STM32F437IG Datasheet HTML 234Page - STMicroelectronics STM32F437IG Datasheet HTML 235Page - STMicroelectronics STM32F437IG Datasheet HTML 236Page - STMicroelectronics STM32F437IG Datasheet HTML 237Page - STMicroelectronics STM32F437IG Datasheet HTML 238Page - STMicroelectronics STM32F437IG Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 240 page
background image
DocID024244 Rev 10
235/240
STM32F437xx and STM32F439xx
Revision history
239
24-Jan-2014
3
Added STM32F437AI and STM32F439AI part numbers and
UFBGA169 package.
Changed INTN into INTR in Figure 4: STM32F437xx and
STM32F439xx block diagram.
Updated Section 3.15: Boot modes.
Updated for PA4 and PA5 in Table 10: STM32F437xx and
STM32F439xx pin and ball definitions.
Added VIN for BOOT0 pins in Table 14: Voltage characteristics.
Updated Note 6. added Note 1., and updated maximum VIN for B pins
in Table 17: General operating conditions.
Updated maximum Flash memory access frequency with wait states
for VDD =1.8 to 2.1 V in Table 18: Limitations depending on the
operating power supply range.
Updated Table 24: Typical and maximum current consumption in Run
mode, code with data processing running from Flash memory (ART
accelerator enabled except prefetch) or RAM and Table 25: Typical
and maximum current consumption in Run mode, code with data
processing running from Flash memory (ART accelerator disabled).
Updated Table 30: Typical current consumption in Run mode, code
with data processing running from Flash memory or RAM, regulator
ON (ART accelerator enabled except prefetch), VDD=1.7 V, Table 31:
Typical current consumption in Run mode, code with data processing
running from Flash memory, regulator OFF (ART accelerator enabled
except prefetch), and Table 32: Typical current consumption in Sleep
mode, regulator ON, VDD=1.7 V.
Updated Table 57: Output voltage characteristics.
Updated Table 58: I/O AC characteristics. Added Figure 35.
Updated th(SDA), tr(SDA) and tr(SCL) and added tSP in Table 61: I2C
characteristics.
Updated fSCK in Table 62: SPI dynamic characteristics.
Updated Table 70: Dynamic characteristics: USB ULPI.
Updated Section 6.3.26: FMC characteristics conditions. Updated
Figure 73: SDRAM read access waveforms (CL = 1) and Figure 74:
SDRAM write access waveforms. Added Table 103: LPSDR SDRAM
read timings and Table 105: LPSDR SDRAM write timings. Updated
Table 102: SDRAM read timings and Table 104: SDRAM write timings
and added note 2.Table 108: Dynamic characteristics: SD / MMC
characteristics.
31-Jan-2014
4
In the whole document, minimum supply voltage changed to 1.7 V
when external power supply supervisor is used.
Updated conditions in Table 62: SPI dynamic characteristics.
Added ZDRV in Table 67: USB OTG full speed electrical characteristics
Table 124. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com