Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F437IG Datasheet(PDF) 237 Page - STMicroelectronics

Part # STM32F437IG
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, crypto, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera&LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F437IG Datasheet(HTML) 237 Page - STMicroelectronics

Back Button STM32F437IG Datasheet HTML 232Page - STMicroelectronics STM32F437IG Datasheet HTML 233Page - STMicroelectronics STM32F437IG Datasheet HTML 234Page - STMicroelectronics STM32F437IG Datasheet HTML 235Page - STMicroelectronics STM32F437IG Datasheet HTML 236Page - STMicroelectronics STM32F437IG Datasheet HTML 237Page - STMicroelectronics STM32F437IG Datasheet HTML 238Page - STMicroelectronics STM32F437IG Datasheet HTML 239Page - STMicroelectronics STM32F437IG Datasheet HTML 240Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 237 / 240 page
background image
DocID024244 Rev 10
237/240
STM32F437xx and STM32F439xx
Revision history
239
19-Feb-2015
6
Update SPI/IS2 in Table 2: STM32F437xx and STM32F439xx features
and peripheral counts.
Updated LQFP208 in Table 4: Regulator ON/OFF and internal reset
ON/OFF availability.
Updated Figure 19: Memory map.
Changed PLS[2:0]=101 (falling edge) maximum value in Table 22:
reset and power control block characteristics.
Updated current consumption with all peripherals disabled in Table 24:
Typical and maximum current consumption in Run mode, code with
data processing running from Flash memory (ART accelerator
enabled except prefetch) or RAM.
Updated note 1. in Table 28: Typical and maximum current
consumptions in Standby mode.
Updated tWUSTOP in Table 36: Low-power mode wakeup timings.
Updated ESD standards and Table 53: ESD absolute maximum
ratings.
Updated Table 56: I/O static characteristics.
Section : I2C interface characteristics: updated section introduction,
removed Table I2C characteristics, Figure I2C bus AC waveforms and
measurement circuit and Table SCL frequency; added Table 61: I2C
analog filter characteristics.
Updated measurement conditions in Table 62: SPI dynamic
characteristics.
Updated Figure 51: Typical connection diagram using the ADC.
Updated Section : Device marking for LQFP100.
Updated Figure 83: WLCSP143 - 143-ball, 4.521x 5.547 mm, 0.4 mm
pitch wafer level chip scale package outline and Table 111: WLCSP143
- 143-ball, 4.521x 5.547 mm, 0.4 mm pitch wafer level chip scale
package mechanical data; added Figure 84: WLCSP143 - 143-ball,
4.521x 5.547 mm, 0.4 mm pitch wafer level chip scale recommended
footprint and Table 112: WLCSP143 recommended PCB design rules
(0.4 mm pitch). Updated Figure 85: WLCSP143 marking example
(package top view) and related note. Updated Section : Device
marking for WLCSP143.
Updated Section : Device marking for LQFP144.
Updated Section : Device marking for LQFP176.
Updated Figure 92: LQFP208 - 208-pin, 28 x 28 mm low-profile quad
flat package outline; Updated Section : Device marking for LQFP208.
Modified UFBGA169 pitch, updated Figure 95: UFBGA169 - 169-ball 7
x 7 mm 0.50 mm pitch, ultra fine pitch ball grid array package outline
and Table 116: UFBGA169 - 169-ball 7 x 7 mm 0.50 mm pitch, ultra
fine pitch ball grid array package mechanical data; updated Section :
Device marking for LQFP208.
updated Section : Device marking for UFBGA169, Section : Device
marking for UFBGA176+25 and Section : Device marking for
TFBGA176.
Updated Z pin count in Table 122: Ordering information scheme.
Table 124. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com