| Electronic Components Datasheet Search |
|
STM32F401RCT6TR Datasheet(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401RCT6TR Datasheet(HTML) 59 Page - STMicroelectronics |
|
59 / 135 page ![]() Electrical characteristics STM32F401xB STM32F401xC 59/135 DocID024738 Rev 6 6.3 Operating conditions 6.3.1 General operating conditions Table 14. General operating conditions Symbol Parameter Conditions Min Typ Max Unit fHCLK Internal AHB clock frequency Power Scale3: Regulator ON, VOS[1:0] bits in PWR_CR register = 0x01 0- 60 MHz Power Scale2: Regulator ON, VOS[1:0] bits in PWR_CR register = 0x10 0 - 84 fPCLK1 Internal APB1 clock frequency 0 - 42 fPCLK2 Internal APB2 clock frequency 0 - 84 VDD Standard operating voltage 1.7(1) -3.6 V VDDA (2)(3) Analog operating voltage (ADC limited to 1.2 M samples) Must be the same potential as VDD(4) 1.7(1) -2.4 Analog operating voltage (ADC limited to 2.4 M samples) 2.4 - 3.6 VBAT Backup operating voltage 1.65 - 3.6 V12 Regulator ON: 1.2 V internal voltage on VCAP_1/VCAP_2 pins VOS[1:0] bits in PWR_CR register = 0x01 Max frequency 60 MHz 1.08(5) 1.14 1.20(5) VOS[1:0] bits in PWR_CR register = 0x10 Max frequency 84 MHz 1.20(5) 1.26 1.32(5) V12 Regulator OFF: 1.2 V external voltage must be supplied on VCAP_1/VCAP_2 pins Max. frequency 60 MHz. 1.1 1.14 1.2 Max. frequency 84 MHz. 1.2 1.26 1.32 VIN Input voltage on RST and FT pins(6) 2V ≤ VDD ≤ 3.6 V –0.3 - 5.5 VDD ≤ 2V –0.3 - 5.2 Input voltage on BOOT0 pin 0 - 9 PD Maximum allowed package power dissipation for suffix 6 and 7(7) UFQFPN48 - - 625 mW WLCSP49 - - 385 LQFP64 - - 313 LQFP100 - - 465 UFBGA100 - - 323 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |