| Electronic Components Datasheet Search |
|
STM32F401RCT6TR Datasheet(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401RCT6TR Datasheet(HTML) 61 Page - STMicroelectronics |
|
61 / 135 page ![]() Electrical characteristics STM32F401xB STM32F401xC 61/135 DocID024738 Rev 6 6.3.2 VCAP_1/VCAP_2 external capacitors Stabilization for the main regulator is achieved by connecting 2 external capacitor CEXT to the VCAP_1 and VCAP_2 pins. For packages supporting only 1 VCAP pin, the 2 CEXT capacitors are replaced by a single capacitor. CEXT is specified in Table 16. Figure 20. External capacitor CEXT 1. Legend: ESR is the equivalent series resistance. 6.3.3 Operating conditions at power-up/power-down (regulator ON) Subject to general operating conditions for TA. Table 17. Operating conditions at power-up / power-down (regulator ON) 1. Applicable only when the code is executed from Flash memory. When the code is executed from RAM, no wait state is required. 2. Thanks to the ART accelerator and the 128-bit Flash memory, the number of wait states given here does not impact the execution speed from Flash memory since the ART accelerator allows to achieve a performance equivalent to 0 wait state program execution. 3. Refer to Table 56: I/O AC characteristics for frequencies vs. external load. 4. VDD/VDDA minimum value of 1.7 V, with the use of an external power supply supervisor (refer to Section 3.14.2: Internal reset OFF). 5. Prefetch is not available. Refer to AN3430 application note for details on how to adjust performance and power. 6. The voltage range for the USB full speed embedded PHY can drop down to 2.7 V. However the electrical characteristics of D- and D+ pins will be degraded between 2.7 and 3 V. Table 16. VCAP_1/VCAP_2 operating conditions(1) 1. When bypassing the voltage regulator, the two 2.2 µF VCAP capacitors are not required and should be replaced by two 100 nF decoupling capacitors. Symbol Parameter Conditions CEXT Capacitance of external capacitor with available VCAP_1 and VCAP_2 pins 2.2 µF ESR ESR of external capacitor with available VCAP_1 and VCAP_2 pins < 2 Ω Symbol Parameter Min Max Unit tVDD VDD rise time rate 20 ∞ µs/V VDD fall time rate 20 ∞ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |