Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L072X8 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 91Page - STMicroelectronics STM32L072X8 Datasheet HTML 92Page - STMicroelectronics STM32L072X8 Datasheet HTML 93Page - STMicroelectronics STM32L072X8 Datasheet HTML 94Page - STMicroelectronics STM32L072X8 Datasheet HTML 95Page - STMicroelectronics STM32L072X8 Datasheet HTML 96Page - STMicroelectronics STM32L072X8 Datasheet HTML 97Page - STMicroelectronics STM32L072X8 Datasheet HTML 98Page - STMicroelectronics STM32L072X8 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 147 page
background image
DocID027100 Rev 3
95/147
STM32L072xx
Electrical characteristics
117
Output voltage levels
Unless otherwise specified, the parameters given in Table 61 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 26. All I/Os are CMOS and TTL compliant.
Table 61. Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(1)
1. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 24.
The sum of the currents sunk by all the I/Os (I/O ports and control pins) must always be respected and
must not exceed ΣIIO(PIN).
Output low level voltage for an I/O
pin
CMOS port(2),
IIO = +8 mA
2.7 V VDD  3.6 V
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
-0.4
V
VOH(3)
3. The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 24. The sum of the currents sourced by all the I/Os (I/O ports and control pins) must always be
respected and must not exceed ΣIIO(PIN).
Output high level voltage for an I/O
pin
VDD-0.4
-
VOL (1)
Output low level voltage for an I/O
pin
TTL port(2),
IIO =+ 8 mA
2.7 V VDD  3.6 V
-0.4
VOH (3)(4)
4. Guaranteed by characterization results.
Output high level voltage for an I/O
pin
TTL port(2),
IIO = -6 mA
2.7 V VDD  3.6 V
2.4
-
VOL(1)(4)
Output low level voltage for an I/O
pin
IIO = +15 mA
2.7 V VDD  3.6 V
-1.3
VOH(3)(4)
Output high level voltage for an I/O
pin
IIO = -15 mA
2.7 V VDD  3.6 V
VDD-1.3
-
VOL(1)(4)
Output low level voltage for an I/O
pin
IIO = +4 mA
1.65 V VDD < 3.6 V
-0.45
VOH(3)(4)
Output high level voltage for an I/O
pin
IIO = -4 mA
1.65 V VDD  3.6 V
VDD-0.45
-
VOLFM+(1)(4)
Output low level voltage for an FTf
I/O pin in Fm+ mode
IIO = 20 mA
2.7 V VDD  3.6 V
-0.4
IIO = 10 mA
1.65 V VDD  3.6 V
-0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com